Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1524MT Datasheet (PDF) - Integrated Circuit Systems

ICS1524MT Datasheet PDF - Integrated Circuit Systems
Part # ICS1524MT
Download  ICS1524MT Download
File Size   394.45 Kbytes
Page   24 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Dual Output Phase Controlled SSTL-3/PECL Clock Generator

ICS1524MT Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS1524MT Datasheet PDF - Integrated Circuit Systems

Part # ICS1524MT
Download  ICS1524MT Click to download

File Size   394.45 Kbytes
Page   24 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Dual Output Phase Controlled SSTL-3/PECL Clock Generator

ICS1524MT Datasheet (HTML) - Integrated Circuit Systems


ICS1524MT Product details

General Description
The ICS1524 is a low-cost, very high-performance frequency generator and phase controlled clock synthesizer. It is perfectly suited to phase controlled clock synthesis and distribution as well as line-locked and genlocked applications.

Features
• Wide input frequency range
    • 8 kHz to 100 MHz
• 250 MHz balanced PECL differential outputs
• 150 MHz single-ended SSTL_3 clock outputs
• Dynamic Phase Adjust (DPA) for DPACLK outputs
    • Software controlled phase adjustment
    • 360° Adjustment down to 1/64 clock increments
• External or internal loop filter selection
• Uses 3.3 VDC Inputs are 5 volt tolerant.
• I2C-bus serial interface runs at either low speed (100 kHz) or high speed (400 kHz).
• Hardware and Software PLL Lock detection

Applications
• Generic Frequency Synthesis
• LCD Monitors and Projectors
• Genlocking Multiple Video Systems




Similar Part No. - ICS1524MT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS1524A RENESAS-ICS1524A Datasheet
786Kb / 25P
Dual Output Phase Controlled SSTL_3/PECL Clock Generator
2019
ICS1524AMLF RENESAS-ICS1524AMLF Datasheet
786Kb / 25P
Dual Output Phase Controlled SSTL_3/PECL Clock Generator
2019
ICS1524AMLFT RENESAS-ICS1524AMLFT Datasheet
786Kb / 25P
Dual Output Phase Controlled SSTL_3/PECL Clock Generator
2019
More results


Similar Description - ICS1524MT

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8720AV NPC-SM8720AV Datasheet
117Kb / 6P
3-PLL Multi-Output Clock Generator
SM8721AB NPC-SM8721AB Datasheet
83Kb / 8P
3-PLL Multi-Output Clock Generator
logo
Cypress Semiconductor
CY2213 CYPRESS-CY2213_12 Datasheet
496Kb / 16P
High Frequency Programmable PECL Clock Generator
logo
Silicon Laboratories
SI52112-B5 SILABS-SI52112-B5 Datasheet
1Mb / 20P
PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
logo
Pericom Semiconductor C...
PI6LC48P03 PERICOM-PI6LC48P03 Datasheet
1Mb / 10P
3-Output LVPECL Networking Clock Generator
PI6LC48P03A PERICOM-PI6LC48P03A Datasheet
1Mb / 10P
3-Output LVPECL Networking Clock Generator
PI6LC48P0301 PERICOM-PI6LC48P0301 Datasheet
1Mb / 12P
3-Output LVPECL Networking Clock Generator
PI6LC48P0301A PERICOM-PI6LC48P0301A Datasheet
1Mb / 12P
3-Output LVPECL Networking Clock Generator
logo
Renesas Technology Corp
ICS1524A RENESAS-ICS1524A Datasheet
786Kb / 25P
Dual Output Phase Controlled SSTL_3/PECL Clock Generator
2019
logo
Skyworks Solutions Inc.
SI52112-B5 SKYWORKS-SI52112-B5 Datasheet
1Mb / 22P
PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.3
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com