Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2137 Datasheet (PDF) - International Rectifier

IR2137 Datasheet PDF - International Rectifier
Part # IR2137
Download  IR2137 Download
File Size   86.69 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description IGBT Protection in AC or BLDC Motor Drives

IR2137 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR2137 Datasheet PDF - International Rectifier

Part # IR2137
Download  IR2137 Click to download

File Size   86.69 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description IGBT Protection in AC or BLDC Motor Drives

IR2137 Datasheet (HTML) - International Rectifier


IR2137 Product details

Description

The IR2137/IR2237(J)(Q) are a high voltage, high speed 3-phase IGBT driver best suited for AC motor drive applications. Integrated desaturation logic provides ground fault protection as well as other mode of over current protection. Soft shutdown is initiated in the event of any overcurrent/ground fault conditions, and all six outputs are simultaneously turned off. Output drivers have separate turn on/off pins to facilitate independent gate drive impedance with EMI soft turn on. Optimum matched delays between phases, and between high/low side enables small deadtime, thus improving low speed performance. The brake driver eliminates additional circuits.



Features

·Floating channel up to +600V or +1200V

·“soft” over-current shutdown turns off all six outputs

·Integrated high side desaturation circuit

·Controlled “soft” turn on for EMI reduction

·Integrated brake IGBT driver

·Three independent low side COM pins

·Separate pull-up/pull-down output drive pins

·Matched delay outputs

·3.3V logic compatible

·Under voltage lockout with hysteresis band



 




Similar Part No. - IR2137

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2137 IRF-IR2137 Datasheet
86Kb / 9P
IGBT Protection in AC or BLDC Motor Drives
IR2137 IRF-IR2137 Datasheet
173Kb / 12P
3-PHASE BRIDGE DRIVER
IR2137IGBT IRF-IR2137IGBT Datasheet
86Kb / 9P
IGBT Protection in AC or BLDC Motor Drives
IR2137IGBT IRF-IR2137IGBT_15 Datasheet
90Kb / 9P
IGBT Protection in AC or BLDC Motor Drives
IR2137J IRF-IR2137J Datasheet
173Kb / 12P
3-PHASE BRIDGE DRIVER
More results


Similar Description - IR2137

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2137IGBT IRF-IR2137IGBT Datasheet
86Kb / 9P
IGBT Protection in AC or BLDC Motor Drives
logo
STMicroelectronics
AN2009 STMICROELECTRONICS-AN2009 Datasheet
925Kb / 39P
PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
12-Jul-2007
logo
International Rectifier
IR2137IGBT IRF-IR2137IGBT_15 Datasheet
90Kb / 9P
IGBT Protection in AC or BLDC Motor Drives
logo
List of Unclassifed Man...
PK55FG ETC2-PK55FG Datasheet
91Kb / 2P
AC/DC motor drives
logo
Carlo Gavazzi Holding A...
RVLFA120075FA CARLOGAVAZZI-RVLFA120075FA Datasheet
1Mb / 11P
Motor Controllers AC Variable Frequency Drives
logo
Applied Motion Products...
BL030-H03-G AMP-BL030-H03-G Datasheet
1Mb / 8P
BLDC Motors & Drives
logo
Infineon Technologies A...
UG-2021-28 INFINEON-UG-2021-28 Datasheet
2Mb / 37P
IGBT motor drives evaluation board in TO247 packages
2021-06-15
logo
Lin Eng. Inc.
BL17E19-02 LINENGINEERING-BL17E19-02 Datasheet
328Kb / 3P
BLDC MOTOR
BL23E33-02-Y05-A0-B12F LINENGINEERING-BL23E33-02-Y05-A0-B12F Datasheet
339Kb / 4P
BLDC MOTOR
BL23E48-02-Y05-A0-B12F LINENGINEERING-BL23E48-02-Y05-A0-B12F Datasheet
337Kb / 4P
BLDC MOTOR
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com