Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFAF504G Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

SFAF504G Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # SFAF504G
Download  SFAF504G Download
File Size   66.75 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Isolation 5.0 AMPS. Glass Passivated Super Fast Rectifiers

SFAF504G Datasheet (PDF)

Go To PDF Page Download Datasheet
SFAF504G Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # SFAF504G
Download  SFAF504G Click to download

File Size   66.75 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Isolation 5.0 AMPS. Glass Passivated Super Fast Rectifiers

SFAF504G Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


SFAF504G Product details

Features

 High efficiency, low VF

 High current capability

 High reliability

 High surge current capability

 Low power loss.

 For use in low voltage, high frequency inventor, free wheeling, and polarity protection application



Mechanical Data

 Case: ITO-220AC molded plastic

 Epoxy: UL 94V-0 rate flame retardant

 Terminals: Pure tin plated, lead free. solderable per MIL-STD-202, Method 208 guaranteed

 Polarity: As marked

 High temperature soldering guaranteed: 260℃/10 seconds .16”,(4.06mm) from case.

 Weight: 2.24 grams




Similar Part No. - SFAF504G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFAF504G TSC-SFAF504G Datasheet
272Kb / 2P
Isolated 5.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF504G TSC-SFAF504G Datasheet
628Kb / 2P
Isolated 5.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Rugao Dachang Electroni...
SFAF504G DACHANG-SFAF504G Datasheet
147Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 5.0 A
logo
Shenzhen Luguang Electr...
SFAF504G LUGUANG-SFAF504G Datasheet
223Kb / 2P
Isolated 5.0AMP. Glass Passivated Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SFAF504G TSC-SFAF504G Datasheet
390Kb / 4P
Isolated Glass Passivated Super Fast Rectifiers
More results


Similar Description - SFAF504G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
FRF501G TSC-FRF501G Datasheet
124Kb / 2P
Isolation 5.0 AMPS. Glass Passivated Fast Recovery Rectifiers
SFAD501G TSC-SFAD501G Datasheet
58Kb / 2P
5.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF1601G TSC-SFAF1601G Datasheet
83Kb / 2P
Isolation 16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF501G TSC-SFF501G Datasheet
115Kb / 2P
Isolation 5.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF1601G TSC-SFF1601G Datasheet
115Kb / 2P
Isolation 16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF2004G TSC-SFF2004G Datasheet
114Kb / 2P
Isolation 20.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF501G TSC-SFAF501G_1 Datasheet
272Kb / 2P
Isolated 5.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF501G TSC-SFF501G_1 Datasheet
348Kb / 2P
Isolated 5.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF1001G TSC-SFF1001G_1 Datasheet
334Kb / 2P
Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF501G TSC-SFAF501G_10 Datasheet
628Kb / 2P
Isolated 5.0 AMPS. Glass Passivated Super Fast Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com