Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SII161A Datasheet (PDF) - List of Unclassifed Manufacturers

SII161A Datasheet PDF - List of Unclassifed Manufacturers
Part # SII161A
Download  SII161A Download
File Size   260.0 Kbytes
Page   22 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SiI 161A PanelLink Receiver

SII161A Datasheet (PDF)

Go To PDF Page Download Datasheet
SII161A Datasheet PDF - List of Unclassifed Manufacturers

Part # SII161A
Download  SII161A Click to download

File Size   260.0 Kbytes
Page   22 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SiI 161A PanelLink Receiver

SII161A Datasheet (HTML) - List of Unclassifed Manufacturers


SII161A Product details

General Description

The SiI 161A receiver uses PanelLink Digital technology to support high resolution displays up to UXGA. The SiI 161A receiver supports up to true color panels (24 bit/pixel, 16.7M colors) in 1 or 2 pixels/clock mode. In

addition, the receiver data output is time staggered to reduce ground bounce that affects EMI. Since all PanelLink products are designed on scaleable CMOS architecture to support future performance requirements while maintaining the same logical interface, system designers can be assured that the interface will be fixed through a number of technology and performance generations.



Features

• Low Power: 3.3V core operation

• Time staggered data output for reduced ground bounce

• Sync Detect: for Plug & Display “Hot Plugging”

• Cable Distance Support: over 5m with twisted-pair, fiber-optics ready

• Compliant with DVI 1.0 (DVI is backwards compatible with VESA® P&DTM and DFP) ß Supports Dual-Link operation up to 330 Mega pixels/second




Similar Part No. - SII161A

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII164 SILICONIMAGE-SII164 Datasheet
471Kb / 33P
Transmitter uses PanelLink Digital technology
SII164CT64 SILICONIMAGE-SII164CT64 Datasheet
316Kb / 34P
SiI 164 PanelLink Transmitter
SII164CTG64 SILICONIMAGE-SII164CTG64 Datasheet
316Kb / 34P
SiI 164 PanelLink Transmitter
SII169 SILICONIMAGE-SII169 Datasheet
111Kb / 2P
PanelLink Receiver
More results


Similar Description - SII161A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SII141 ETC1-SII141 Datasheet
84Kb / 12P
SiI 141B PanelLink Digital Receiver
logo
Silicon image
SII9011 SILICONIMAGE-SII9011 Datasheet
230Kb / 2P
PanelLink Receiver
SII9021 SILICONIMAGE-SII9021 Datasheet
237Kb / 2P
PanelLink Receiver
SII9031 SILICONIMAGE-SII9031 Datasheet
170Kb / 2P
PanelLink Receiver
SII9993-35-IP SILICONIMAGE-SII9993-35-IP Datasheet
158Kb / 2P
PanelLink Receiver
1364ADD2 SILICONIMAGE-1364ADD2 Datasheet
2Mb / 2P
Featuring the SiI 1364 PanelLink Transmitter
SII1169 SILICONIMAGE-SII1169 Datasheet
207Kb / 2P
PanelLink Receiver
SII1151 SILICONIMAGE-SII1151 Datasheet
357Kb / 44P
PanelLink Receiver
SII1161 SILICONIMAGE-SII1161 Datasheet
378Kb / 46P
PanelLink Receiver
SII164CTG64 SILICONIMAGE-SII164CTG64 Datasheet
316Kb / 34P
SiI 164 PanelLink Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com