Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE42020A-X Datasheet (PDF) - Peregrine Semiconductor

PE42020A-X Datasheet PDF - Peregrine Semiconductor
Part # PE42020A-X
Download  PE42020A-X Download
File Size   1073.95 Kbytes
Page   25 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description UltraCMOS True DC RF Switch, 0 Hz??000 MHz

PE42020A-X Datasheet (PDF)

Go To PDF Page Download Datasheet
PE42020A-X Datasheet PDF - Peregrine Semiconductor

Part # PE42020A-X
Download  PE42020A-X Click to download

File Size   1073.95 Kbytes
Page   25 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description UltraCMOS True DC RF Switch, 0 Hz??000 MHz

PE42020A-X Datasheet (HTML) - Peregrine Semiconductor


PE42020A-X Product details

Product Description
The PE42020 is a HaRP™ technology-enhanced SPDT True DC RF switch that operates from zero Hertz up to 8 GHz with integrated RF, analog and digital functions. The PE42020 can accommodate up to ±10V input DC voltage on the RF ports. It can be configured as a 50Ω absorptive or an open reflective True DC switch via the single LZ pin. The PE42020 True DC RF switch delivers excellent RF performance and high power handling down to zero Hertz, making this device ideal for handling the complex combination of DC, RF/analog and digital signals in test and measurement (T&M) and automated test equipment (ATE) applications.

Features
• High power handling
   ▪ 30 dBm @ DC
   ▪ 36 dBm @ 8 GHz
• Maximum voltage (DC or AC peak): ±10V on the RF ports
• Total harmonic distortion (THD): –84 dBc
• Configurable 50Ω absorptive or open reflective switch via a single pin (LZ)
• Packaging – 20-lead 4 × 4 mm QFN

Applications
• Test and measurement
   ▪ Signal sources
   ▪ Communication testers
   ▪ Spectrum analyzers
   ▪ Network analyzers
• Automated test equipment
   ▪ Complex combination of DC + RF/analog and digital signals




Similar Part No. - PE42020A-X

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4202 PASTERNACK-PE4202 Datasheet
260Kb / 1P
SMC PLUG CONNECTOR CLAMP/SOLDER ATTACHMENT FOR RG178,RG196
More results


Similar Description - PE42020A-X

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE4220 PEREGRINE-PE4220 Datasheet
247Kb / 7P
SPDT UltraCMOS??RF Switch DC - 2500 MHz
PE4235 PEREGRINE-PE4235 Datasheet
288Kb / 8P
SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4237 PEREGRINE-PE4237 Datasheet
278Kb / 8P
SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4245 PEREGRINE-PE4245 Datasheet
279Kb / 8P
SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4245 PEREGRINE-PE4245_06 Datasheet
263Kb / 8P
SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE42552 PEREGRINE-PE42552 Datasheet
398Kb / 9P
SPDT UltraCMOS RF Switch DC - 7500 MHz
logo
Peregrine Semiconductor
PE4257 PSEMI-PE4257 Datasheet
300Kb / 7P
SPDT Absorptive UltraCMOS DC??.0 GHz RF Switch
PE423422 PSEMI-PE423422 Datasheet
366Kb / 13P
UltraCMOS SPDT RF Switch 100??000 MHz
PE423641 PSEMI-PE423641 Datasheet
340Kb / 11P
UltraCMOS SP4T RF Switch 50??000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com