Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NR110K Datasheet (PDF) - Sanken electric

NR110K Datasheet PDF - Sanken electric
Part # NR110K
Download  NR110K Download
File Size   693.43 Kbytes
Page   13 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Light Load High Efficiency, 31V, Buck Regulator

NR110K Datasheet (PDF)

Go To PDF Page Download Datasheet
NR110K Datasheet PDF - Sanken electric

Part # NR110K
Download  NR110K Click to download

File Size   693.43 Kbytes
Page   13 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Light Load High Efficiency, 31V, Buck Regulator

NR110K Datasheet (HTML) - Sanken electric




Similar Part No. - NR110K

ManufacturerPart #DatasheetDescription
logo
Sanken electric
NR110E SANKEN-NR110E Datasheet
658Kb / 14P
Light Load High Efficiency, 31V, Buck Regulator
More results


Similar Description - NR110K

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5252 ONSEMI-NCP5252 Datasheet
1Mb / 16P
2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
January, 2010 ??Rev. 0
logo
Texas Instruments
LM21215MHX TI1-LM21215MHX Datasheet
1Mb / 33P
15A High Efficiency Point of Load Synchronous Buck Regulator
LM21212MHX-1 TI1-LM21212MHX-1 Datasheet
1Mb / 33P
12A High Efficiency Synchronous Point of Load Buck Regulator
logo
Sanken electric
NR111D SANKEN-NR111D Datasheet
712Kb / 14P
Light Load High Efficiency
NR111E SANKEN-NR111E Datasheet
482Kb / 13P
Light Load High Efficiency
NR119E SANKEN-NR119E Datasheet
482Kb / 13P
Light Load High Efficiency
NR132D SANKEN-NR132D Datasheet
644Kb / 15P
Ultra light load high efficiency
NR110E SANKEN-NR110E Datasheet
658Kb / 14P
Light Load High Efficiency, 31V, Buck Regulator
NR263S SANKEN-NR263S Datasheet
1Mb / 29P
Light Load High Efficiency Synchronous Buck Regulator IC
NR264S SANKEN-NR264S Datasheet
913Kb / 21P
Light Load High Efficiency Synchronous Rectification Buck Converter IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com