Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4060BC Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
CD4060BC Datasheet PDF - National Semiconductor (TI)
Part # CD4060BC
Download  CD4060BC Download
File Size   136.28 Kbytes
Page   6 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 14-Stage Ripple Carry Binary Counters

CD4060BC Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4060BC Datasheet PDF - National Semiconductor (TI)

Part # CD4060BC
Download  CD4060BC Click to download

File Size   136.28 Kbytes
Page   6 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 14-Stage Ripple Carry Binary Counters

CD4060BC Datasheet (HTML) - National Semiconductor (TI)


CD4060BC Product details

General Description

The CD4020BM/CD4020BC, CD4060BM/CD4060BC are 14-stage ripple carry binary counters, and the CD4040BM/CD4040BC is a 12-stage ripple carry binary counter. The counters are advanced one count on the negative transition of each clock pulse. The counters are reset to the zero state by a logical ``1' at the reset input independent of clock.



Features

Wide supply voltage range 1.0V to 15V

High noise immunity 0.45 VDD(typ.)

Low power TTL Fan out of 2 driving 74L

compatibility or 1 driving 74LS

Medium speed operation 8 MHz typ. at VDDe10V

Schmitt trigger clock input




Similar Part No. - CD4060BC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4060BC NSC-CD4060BC Datasheet
136Kb / 6P
14-Stage, 12-Stage Ripple Carry Binary Counters
logo
Fairchild Semiconductor
CD4060BC FAIRCHILD-CD4060BC Datasheet
84Kb / 8P
14-Stage Ripple Carry Binary Counters . 12-Stage Ripple Carry Binary Counters . 14-Stage Ripple Carry Binary Counters
logo
National Semiconductor ...
CD4060BCJ NSC-CD4060BCJ Datasheet
136Kb / 6P
14-Stage, 12-Stage Ripple Carry Binary Counters
logo
Fairchild Semiconductor
CD4060BCM FAIRCHILD-CD4060BCM Datasheet
84Kb / 8P
14-Stage Ripple Carry Binary Counters . 12-Stage Ripple Carry Binary Counters . 14-Stage Ripple Carry Binary Counters
logo
National Semiconductor ...
CD4060BCN NSC-CD4060BCN Datasheet
136Kb / 6P
14-Stage, 12-Stage Ripple Carry Binary Counters
More results


Similar Description - CD4060BC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4020BM NSC-CD4020BM Datasheet
136Kb / 6P
14-Stage, 12-Stage Ripple Carry Binary Counters
logo
Toshiba Semiconductor
TC4020BP TOSHIBA-TC4020BP Datasheet
265Kb / 7P
14 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS
logo
System Logic Semiconduc...
SL4020B SLS-SL4020B Datasheet
59Kb / 6P
14 Stage Ripple-Carry Binary Counter/Divider
logo
Fairchild Semiconductor
CD4020BC FAIRCHILD-CD4020BC Datasheet
84Kb / 8P
14-Stage Ripple Carry Binary Counters . 12-Stage Ripple Carry Binary Counters . 14-Stage Ripple Carry Binary Counters
logo
STMicroelectronics
HCF4020B STMICROELECTRONICS-HCF4020B Datasheet
191Kb / 11P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE
Mar-2004
logo
List of Unclassifed Man...
IW4020B ETC1-IW4020B Datasheet
309Kb / 6P
14 Stage Ripple-Carry Binary Counter/Divider
logo
Toshiba Semiconductor
TC74VHC4020F TOSHIBA-TC74VHC4020F Datasheet
234Kb / 10P
14-Stage Ripple Carry Binary Counter
TC4020BP TOSHIBA-TC4020BP_07 Datasheet
372Kb / 9P
14 Stage Ripple-Carry Binary Counter/Dividers
logo
STMicroelectronics
HCF4060 STMICROELECTRONICS-HCF4060_13 Datasheet
625Kb / 15P
14-stage ripple carry binary counter/divider and oscillator
02-May-2013
logo
Unisonic Technologies
UCD4060B UTC-UCD4060B_15 Datasheet
241Kb / 9P
CMOS 14-Stage Ripple-Carry Binary Counter/Divider
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com