Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H22A2 Datasheet (PDF) - ISOCOM COMPONENTS

H22A2 Datasheet PDF - ISOCOM COMPONENTS
Part # H22A2
Download  H22A2 Download
File Size   75.99 Kbytes
Page   3 Pages
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS
Description 1mm APERTURE OPTO-ELECTRONIC SINGLE CHANNEL SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS

H22A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
H22A2 Datasheet PDF - ISOCOM COMPONENTS

Part # H22A2
Download  H22A2 Click to download

File Size   75.99 Kbytes
Page   3 Pages
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS
Description 1mm APERTURE OPTO-ELECTRONIC SINGLE CHANNEL SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS

H22A2 Datasheet (HTML) - ISOCOM COMPONENTS


H22A2 Product details

DESCRIPTION
The H21A_ and H22A_ series of opaque photointerrupters are single channel switches consisting of a Gallium Arsenide infrared emitting diode and a NPN silicon photo transistor mounted in a polycarbonate housing. The
package is designed to optimise the mechanical resolution, coupling efficiency, ambient light rejection, cost and reliability. Operating on the principle that objects opaque to infrared will interrupt the transmission of light between an infrared emitting diode and a photo sensor switching the output from an "ON" state to an
"OFF" state.

FEATURES
 High Gain
 3mm Gap between LED and Detector
 Polycarbonate case protected against ambient light

APPLICATIONS
 Copiers, Printers, Facsimilies, Record Players, Casette Decks, Optoelectronic Switches




Similar Part No. - H22A2

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H22A2 QT-H22A2 Datasheet
297Kb / 4P
SLOTTED OPTICAL SWITCH
logo
Fairchild Semiconductor
H22A2 FAIRCHILD-H22A2 Datasheet
320Kb / 5P
SLOTTED OPTICAL SWITCH
More results


Similar Description - H22A2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISTS100 ETC-ISTS100 Datasheet
56Kb / 3P
1mm APERTURE OPTO-ELECTRONIC SINGLE CHANNEL SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS
ISTS802 ETC1-ISTS802 Datasheet
71Kb / 3P
0.5mm APERTURE OPTO-ELECTRONIC SINGLE CHANNEL WIDE GAP SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS
ISTS300 ETC1-ISTS300 Datasheet
59Kb / 3P
1mm APERTURE OPTO-ELECTRONIC SINGLE CHANNEL SLOTTED INTERRUPTER SWITCHES WITH DARLINGTON SENSORS
ISTS150 ETC1-ISTS150 Datasheet
41Kb / 3P
TRANSMISSIVE OPTO-ELECTRONIC DUAL CHANNEL SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS
logo
Everlight Electronics C...
ITR9909 EVERLIGHT-ITR9909 Datasheet
246Kb / 7P
Opto Interrupter
ITR9813 EVERLIGHT-ITR9813 Datasheet
235Kb / 8P
Opto Interrupter
2009/4/14
logo
ISOCOM COMPONENTS
ISTS105A ISOCOM-ISTS105A Datasheet
145Kb / 4P
SINGLE CHANNEL SLOTTED INTERRUPTER SWITCH WITH TRANSISTOR SENSORS
logo
Everlight Electronics C...
EAITRBA2 EVERLIGHT-EAITRBA2 Datasheet
383Kb / 9P
Opto Interrupter
EAITRCA1 EVERLIGHT-EAITRCA1 Datasheet
471Kb / 9P
Opto Interrupter
10.18.2013
EAITRDA3 EVERLIGHT-EAITRDA3 Datasheet
512Kb / 9P
Opto Interrupter
10.18.2013
More results




About ISOCOM COMPONENTS


Isocom Components is a UK-based company that specializes in the design, development, and manufacture of optocouplers and optoelectronic components. The company was founded in 1982 and is headquartered in Havant, Hampshire, England.

Isocom's product portfolio includes a wide range of optocouplers, phototransistors, photodiodes, infrared (IR) sensors, and solid-state relays. These products are used in a variety of applications, including telecommunications, industrial control, medical equipment, and consumer electronics.

Isocom Components has a strong focus on research and development, and the company's products are known for their reliability, high-performance, and low power consumption. Isocom serves customers worldwide and has offices and distribution partners in Europe, North America, and Asia.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com