Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-2100R Datasheet (PDF) - Seiko Instruments Inc

S-2100R Datasheet PDF - Seiko Instruments Inc
Part # S-2100R
Download  S-2100R Download
File Size   489.78 Kbytes
Page   9 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description 64-bit FUSE ROM

S-2100R Datasheet (PDF)

Go To PDF Page Download Datasheet
S-2100R Datasheet PDF - Seiko Instruments Inc

Part # S-2100R
Download  S-2100R Click to download

File Size   489.78 Kbytes
Page   9 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description 64-bit FUSE ROM

S-2100R Datasheet (HTML) - Seiko Instruments Inc


S-2100R Product details

64-bit FUSE ROM

The S-2100R is a CMOS 64-bit serial FUSE ROM. It has a low standby current (0.3 mA max., VDD=1.5 V) and has a wide operating voltage range. Data can be read serially by clock pulses from address 1 to address 64. All the addresses are initialized at “H” so writing into “L” can be done only once.

Features
• Low standby current (0.3 mA max., VDD=1.5 V)
• Wide operating voltage range

Applications
• Pager ID ROM
• Cordless telephone
• Security equipment




Similar Part No. - S-2100R

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-2100R SII-S-2100R Datasheet
83Kb / 9P
64-bit FUSE ROM
More results


Similar Description - S-2100R

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S2100 SII-S2100 Datasheet
83Kb / 9P
64-bit FUSE ROM
logo
Hanbit Electronics Co.,...
HMF1M64F4V HANBIT-HMF1M64F4V Datasheet
294Kb / 13P
FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4VA HANBIT-HMF1M64F4VA Datasheet
557Kb / 13P
FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4VS HANBIT-HMF1M64F4VS Datasheet
288Kb / 13P
FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8V HANBIT-HMF2M64F8V Datasheet
561Kb / 13P
FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8VA HANBIT-HMF2M64F8VA Datasheet
567Kb / 13P
FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8VS HANBIT-HMF2M64F8VS Datasheet
297Kb / 13P
FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF25664F4V HANBIT-HMF25664F4V Datasheet
579Kb / 12P
FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
HMF25664F4VP HANBIT-HMF25664F4VP Datasheet
426Kb / 12P
FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
HMF25664F4VSP HANBIT-HMF25664F4VSP Datasheet
430Kb / 10P
FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com