Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3221E Datasheet (PDF) - Sipex Corporation

SP3221E Datasheet PDF - Sipex Corporation
Part # SP3221E
Download  SP3221E Download
File Size   115.38 Kbytes
Page   18 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Intelligent 3.0V to 5.5V RS-232 Transceiver

SP3221E Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3221E Datasheet PDF - Sipex Corporation

Part # SP3221E
Download  SP3221E Click to download

File Size   115.38 Kbytes
Page   18 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Intelligent 3.0V to 5.5V RS-232 Transceiver

SP3221E Datasheet (HTML) - Sipex Corporation


SP3221E Product details

DESCRIPTION
The SP3221E is a RS-232 transceiver solution intended for portable or hand-held applications such as notebook and palmtop computers. The SP3221E has a high-efficiency, charge-pump power supply that requires only 0.1µF capacitors in 3.3V operation. This charge pump and low dropout transmitters allow the SP3221E device to deliver true RS-232 performance from a single power supply ranging from +3.3V to +5.0V. The Auto-Online feature allows the device to automatically "wake-up" during a shutdown state when an RS-232 cable is connected . Otherwise, the device automatically shuts itself down drawing less than 1µA.

■ Meets true EIA/TIA-232-F Standards from a +3.0V to +5.5V power supply
■ Operates with EIA/TIA-232 and adheres to EIA/TIA-562 down to a +2.7V power source
■ Auto-Online™ circuitry allows 1µA supply current when in shutdown
■ 240kbps data rate under load
■ 6V/µs minimum slew rate
■ The SP3221 is the industries smallest single-supply RS-232 transceiver package
■ Enhanced ESD Specifications:
    +15KV Human Body Model
    +15KV IEC1000-4-2 Air Discharge
    +8KV IEC1000-4-2 Contact Discharge




Similar Part No. - SP3221E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3221E EXAR-SP3221E Datasheet
888Kb / 20P
Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3221E EXAR-SP3221E Datasheet
692Kb / 22P
Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3221E EXAR-SP3221E_17 Datasheet
692Kb / 22P
Intelligent 3.0V to 5.5V RS-232 Transceiver
More results


Similar Description - SP3221E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3223E SIPEX-SP3223E Datasheet
235Kb / 24P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3238EE SIPEX-SP3238EE Datasheet
248Kb / 20P
Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238 SIPEX-SP3238 Datasheet
252Kb / 19P
Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Exar Corporation
SP3238EEA-L EXAR-SP3238EEA-L Datasheet
936Kb / 20P
Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3249EEY-L EXAR-SP3249EEY-L Datasheet
719Kb / 16P
Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3221E EXAR-SP3221E Datasheet
888Kb / 20P
Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238ECA-L-TR EXAR-SP3238ECA-L-TR Datasheet
854Kb / 21P
Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238EEA-L-TR EXAR-SP3238EEA-L-TR Datasheet
854Kb / 21P
Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238EEY-L-TR EXAR-SP3238EEY-L-TR Datasheet
854Kb / 21P
Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3221E EXAR-SP3221E_17 Datasheet
692Kb / 22P
Intelligent 3.0V to 5.5V RS-232 Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com