Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6642EB Datasheet (PDF) - Sipex Corporation

SP6642EB Datasheet PDF - Sipex Corporation
Part # SP6642EB
Download  SP6642EB Download
File Size   37.78 Kbytes
Page   7 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Evaluation Board Manual

SP6642EB Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6642EB Datasheet PDF - Sipex Corporation

Part # SP6642EB
Download  SP6642EB Click to download

File Size   37.78 Kbytes
Page   7 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Evaluation Board Manual

SP6642EB Datasheet (HTML) - Sipex Corporation


SP6642EB Product details

DESCRIPTION
The SP6642/3 Evaluation Board is designed to help the user evaluate the performance of the SP6642/3 for use as a single cell battery input to 2V to 5V output DC-DC Converter. The SP6642/3 starts up from VIN > 0.75V and when started accepts input voltages much less than +0.75V to as high as +1.65V and produces a regulated +3.3V output at up to 20mA. With very low quiescent current of 1.5µA at VBATTERY, and up to 85% power efficiency, the SP6642/3 provides maximum battery life for portable applications.

■ Easy Evaluation for the SP6642/3 Single Cell to 2V to 5V Converter
■ Only 0.37 sq. in. of Board Space needed for DC-DC Converter Circuit
■ High Efficiency: 83%
■ 0.75V Start-Up Voltage
■ Extremely Small µSOIC Package
■ Pin-to-pin Compatible with MAX1642/3
■ Connects easily to AAA Battery or Standard Power Supply Terminals




Similar Part No. - SP6642EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6642EU SIPEX-SP6642EU Datasheet
248Kb / 4P
Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
SP6642EU SIPEX-SP6642EU Datasheet
47Kb / 4P
Application Note:High Current Output
More results


Similar Description - SP6642EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com