Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8107 Datasheet (PDF) - Sipex Corporation

SP8107 Datasheet PDF - Sipex Corporation
Part # SP8107
Download  SP8107 Download
File Size   146.34 Kbytes
Page   3 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Three Channel High Performance Laser Driver

SP8107 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8107 Datasheet PDF - Sipex Corporation

Part # SP8107
Download  SP8107 Click to download

File Size   146.34 Kbytes
Page   3 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Three Channel High Performance Laser Driver

SP8107 Datasheet (HTML) - Sipex Corporation


SP8107 Product details

GENERAL DESCRIPTION
The SP8107 is a three channel laser diode driver specifically designed for high speed DVD-RW or DVD-RAM applications. It operates two grounded laser diodes (650nm for DVD and 780nm for CD) and features three input channels that allow setting of three different optical power levels. The first channel (IR) has lower gain (100mA/mA) and output current (up to 200mA) and is used as a read channel. The second (I2) and third (I3) channels have higher gain (250mA/mA) and output current (up to 250mA) and are used as write channels. Each write channel may be switched on/off at very fast switching speeds with TTL/CMOS logic level signals applied to EN2 and EN3 inputs - channels are enabled at low logic level and disabled at high logic level. Outputs of all channels are summed together and connected to one of the outputs IOUT A or IOUT B depending on logic signal at the input SELA. High logic level at SELA selects output IOUT A, while low logic level selects output IOUT B. Inputs IR, I2, and I3 are current-controlled with 200 ohm DC impedance but allow voltage control by using external limiting resistors.

FEATURES
• Three current controlled inputs with independent ENABLE/DISABLE
• Two selectable outputs for grounded laser diodes
• Output current up to 400mA (250mA per input channel)
• Independent swing for each output channel controlled by external resistor
• On-chip oscillator with resistor controlled frequency
• Single 5V power supply
• Common ENABLE and oscillator ENABLE inputs
• TTL/CMOS logic level control signals
• Small SSOP16 package

APPLICATION
• DVD-RAM with CD-RW capability
• DVD-RW with CD-RW capability
• Writable data storage optical devices




Similar Part No. - SP8107

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP810 SIPEX-SP810 Datasheet
181Kb / 8P
3 Pin Microprocessor Supervisor Circuit
logo
Exar Corporation
SP810 EXAR-SP810 Datasheet
474Kb / 8P
3 Pin Microprocessor Supervisor Circuit
logo
SeCoS Halbleitertechnol...
SP8100S SECOS-SP8100S Datasheet
398Kb / 2P
8.0AMP Schottky Barrier Rectifiers
logo
Sipex Corporation
SP810EK-2-3 SIPEX-SP810EK-2-3 Datasheet
181Kb / 8P
3 Pin Microprocessor Supervisor Circuit
SP810EK-2-3/TR SIPEX-SP810EK-2-3/TR Datasheet
181Kb / 8P
3 Pin Microprocessor Supervisor Circuit
More results


Similar Description - SP8107

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40518 ZARLINK-ZL40518 Datasheet
330Kb / 16P
3 Channel Laser Diode Driver
logo
ATMEL Corporation
ATR0807 ATMEL-ATR0807 Datasheet
230Kb / 8P
THREE CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
ATR0808 ATMEL-ATR0808 Datasheet
240Kb / 8P
Three Channel Laser Driver with RF Oscillator and Two Outputs
logo
AVAGO TECHNOLOGIES LIMI...
ADNB-6011-EV AVAGO-ADNB-6011-EV Datasheet
1Mb / 52P
High Performance Laser Mouse Bundles
ADNB-6011 AVAGO-ADNB-6011 Datasheet
1Mb / 52P
High Performance Laser Mouse Bundles
logo
Texas Instruments
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
High-Performance 4-Channel LED Driver
LP8862-Q1 TI1-LP8862-Q1 Datasheet
1Mb / 37P
High-Performance 2-Channel LED Driver
TPS61193 TI1-TPS61193 Datasheet
592Kb / 33P
High-Performance 3-Channel LED Driver
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
1Mb / 35P
High-Performance 3-Channel LED Driver
logo
Supertex, Inc
MD1716 SUTEX-MD1716 Datasheet
802Kb / 8P
Three Channel, Three Level, High Speed Ultrasound Driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com