Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TB6865AFG Datasheet (PDF) - Toshiba Semiconductor

TB6865AFG Datasheet PDF - Toshiba Semiconductor
Part # TB6865AFG
Download  TB6865AFG Download
File Size   1180.73 Kbytes
Page   32 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Qi compliant wireless power transmitter IC

TB6865AFG Datasheet (PDF)

Go To PDF Page Download Datasheet
TB6865AFG Datasheet PDF - Toshiba Semiconductor

Part # TB6865AFG
Download  TB6865AFG Click to download

File Size   1180.73 Kbytes
Page   32 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Qi compliant wireless power transmitter IC

TB6865AFG Datasheet (HTML) - Toshiba Semiconductor


TB6865AFG Product details

Outline
The TB6865AFG is wireless power transmitter (TX) IC for Qi low power v1.1 compliant of Wireless Power Consortium (WPC).
TB6865AFG includes ARM Core Tex M3, PWM control, PreDriver ASK demodulate circuits for wiress power taransfer system.
The IC includes all TX functions needed to construct a standalone wireless power system.

Features
• Cortex-M3 manufactured by ARM is used
• RAM : 8Kbyte
• Flash ROM : 128Kbyte
• Pre driver (Drive 4× Full Bridge circuit) / High Resolution PWM(100Hz step): 16 channels
• 12-bit Analog/Digital Converter(ADC) : 14 channels
• ASK signal input : 4 channels
• Input Output ports : 64 pins
 Large current for LED drive: 6 pins / Control for buzzer: 1 pin
• General-purpose serial interface(UART) : 2 channels
• Serial bus interface(I2C bus) : 1 channel
• 3.3V LDO
• Fail safe function (Over voltage detection , Over current detection, and Thermal shut down)
• Maximum operation frequency
   CPU : 20MHz
   PWM : 80MHz
• Operating voltage range
   Analog and pre driver : 4.5V to 14V
   Digital : 2.7V to 3.6V
• Package : LQFP100-P-1414-0.50G (14mm×14mm, 0.5mm pitch)

Applications
   Mobile devices (Smartphone, tablet), Mobile accessory etc.




Similar Part No. - TB6865AFG

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TB68 TAITRON-TB68 Datasheet
176Kb / 4P
6.0A Single-Phase Silicon Bridge Rectifier
logo
Toshiba Semiconductor
TB6819AFG TOSHIBA-TB6819AFG Datasheet
573Kb / 15P
Critical Conduction Mode (CRM) PFC Controller IC
logo
TAITRON Components Inco...
TB68G TAITRON-TB68G Datasheet
203Kb / 4P
6.0A Glass Passivated Bridge Rectifier
More results


Similar Description - TB6865AFG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500210 TI1-BQ500210 Datasheet
608Kb / 23P
Qi Compliant Wireless Power Transmitter Manager
BQ500110 TI-BQ500110_11 Datasheet
642Kb / 25P
Qi Compliant Wireless Power Transmitter Manager
BQ500210_1108 TI-BQ500210_1108 Datasheet
783Kb / 25P
Qi Compliant Wireless Power Transmitter Manager
BQ500211 TI1-BQ500211 Datasheet
778Kb / 26P
5-V, Qi Compliant Wireless Power Transmitter Manager
BQ500410A TI1-BQ500410A Datasheet
1Mb / 30P
Free Positioning, Qi Compliant Wireless Power Transmitter Manager
logo
Toshiba Semiconductor
TC7763WBG TOSHIBA-TC7763WBG Datasheet
748Kb / 28P
Qi Compliant Wireless Power Receiver Controller IC
logo
Texas Instruments
BQ500414Q TI1-BQ500414Q Datasheet
1Mb / 34P
Qi Compliant Wireless Power Transmitter Manager
logo
Integrated Device Techn...
P9038 IDT-P9038 Datasheet
378Kb / 18P
8W, Qi-compliant, Wireless Power Transmitter
logo
Generalplus Technology ...
GPMQ8018A GENERALPLUS-GPMQ8018A Datasheet
1Mb / 32P
QI Compliant Wireless Power Transmitter Series
logo
Toshiba Semiconductor
TC7761WBG TOSHIBA-TC7761WBG Datasheet
777Kb / 29P
Qi Compliant Wireless Power Receiver Controller IC
2014-05-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com