Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18080 Datasheet (PDF) - Aries Electronics, Inc.

18080 Datasheet PDF - Aries Electronics, Inc.
Part # 18080
Download  18080 Download
File Size   744.62 Kbytes
Page   1 Pages
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.
Description 24-Pin SOIC-to-22-Pin 0.400" DIP

18080 Datasheet (PDF)

Go To PDF Page Download Datasheet
18080 Datasheet PDF - Aries Electronics, Inc.

Part # 18080
Download  18080 Click to download

File Size   744.62 Kbytes
Page   1 Pages
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.
Description 24-Pin SOIC-to-22-Pin 0.400" DIP

18080 Datasheet (HTML) - Aries Electronics, Inc.




Similar Part No. - 18080

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
1808 KEMET-1808 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
1808 ETC2-1808 Datasheet
230Kb / 1P
FEMALE THREADED STANDOFFS
logo
Alpha Wire
1808 ALPHAWIRE-1808 Datasheet
98Kb / 4P
Customer Specification
2/21/2023
logo
Heyco.
1808 HEYCO-1808 Datasheet
138Kb / 1P
RDD Lockit™ Strain Relief Bushings – Right Angle
logo
ASSUN MOTOR Pte Ltd.
1808 ASSUN-1808 Datasheet
350Kb / 1P
HIGH POWER SERIES
2023-A
More results


Similar Description - 18080

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK16D-LLP4X4 ACCUTEK-AK16D-LLP4X4 Datasheet
227Kb / 6P
16 Pin to 24 Pin DIP Adapters
logo
Aries Electronics, Inc.
1111903 ARIES-1111903 Datasheet
547Kb / 1P
24-Pin SOWIC-to-22-Pin 0.400" CRT DIP Adapter for 75ALS162 and Others
14-354W00-10 ARIES-14-354W00-10 Datasheet
491Kb / 1P
24-Pin SOWIC-to-22-Pin 0.400" CRT DIP Adapter for 75ALS162 and Others
22-304504-18-P ARIES-22-304504-18-P Datasheet
647Kb / 1P
24-Pin SOIC-to-22-Pin 0.400" DIP
8-354000-10 ARIES-8-354000-10 Datasheet
503Kb / 1P
DIP-to-SOIC Adapter
logo
ACCUTEK MICROCIRCUIT CO...
AK20D300-NWSO ACCUTEK-AK20D300-NWSO_13 Datasheet
1Mb / 6P
20 Pin to 24 DIP Adpaters
logo
Aries Electronics, Inc.
18071 ARIES-18071 Datasheet
640Kb / 1P
P/N 1111903 24-Pin SOWIC-to-22-Pin 0.400" CRT DIP Adapter for 75ALS162 and Others
logo
E&E Magnetic Products L...
824-00205R EEMAGNETIC-824-00205R Datasheet
123Kb / 3P
TRANSFORMER, 100BASE-T(PoE),DUAL, SOIC, 24 PIN
824-00400R EEMAGNETIC-824-00400R Datasheet
125Kb / 3P
TRANSFORMER, 1000BASE-T, SINGLE,SOIC, 24 PIN
824-00486F EEMAGNETIC-824-00486F Datasheet
91Kb / 3P
TRANSFORMER, 10GBASE-T(PoE),SINGLE, SOIC, 24 PIN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com