Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBUC0530LL-HF Datasheet (PDF) - Comchip Technology

CDBUC0530LL-HF Datasheet PDF - Comchip Technology
Part # CDBUC0530LL-HF
Download  CDBUC0530LL-HF Download
File Size   104.08 Kbytes
Page   4 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description Low VF SMD Schottky Barrier Diode

CDBUC0530LL-HF Datasheet (PDF)

Go To PDF Page Download Datasheet
CDBUC0530LL-HF Datasheet PDF - Comchip Technology

Part # CDBUC0530LL-HF
Download  CDBUC0530LL-HF Click to download

File Size   104.08 Kbytes
Page   4 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description Low VF SMD Schottky Barrier Diode

CDBUC0530LL-HF Datasheet (HTML) - Comchip Technology


CDBUC0530LL-HF Product details

Forward Current = 500 mA
​​​​​​​Reverse Voltage = 20 Volts
RoHS Device
Halogen Free

Features
- Ultra low forward voltage.
- Designed for mounting on small surface.
- Extremely thin package.
- Majority carrier conduction.
- ESD Rating: -Human Body Model: Class 3B
                       -Machine Model: Class C

Mechanical data
- Case: 0603C/SOD-523F standard package, molded plastic.
- Terminals: Matte tin plated, solderable per MIL-STD-750, method 2026.
- Polarity: Indicated by cathode band.
- Mounting Position: Any
- Weight: 0.003 grams(approx.).




Similar Part No. - CDBUC0530LL-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBUC00340-HF COMCHIP-CDBUC00340-HF Datasheet
472Kb / 4P
SMD Schottky Barrier Diode
REV:A
CDBUC0230-HF COMCHIP-CDBUC0230-HF Datasheet
100Kb / 4P
SMD Schottky Barrier Diode
More results


Similar Description - CDBUC0530LL-HF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
B0520LWF TSC-B0520LWF Datasheet
230Kb / 3P
Low VF SMD Schottky Barrier Diode
SD103AXG TSC-SD103AXG Datasheet
142Kb / 3P
Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
CDBZ0130L-HF COMCHIP-CDBZ0130L-HF Datasheet
254Kb / 4P
Low VF SMD Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
RB520G-30 TSC-RB520G-30 Datasheet
587Kb / 3P
Low VF SMD Schottky Barrier Diode
RB706F-40 TSC-RB706F-40 Datasheet
483Kb / 3P
Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
CDBZ0130L-HF COMCHIP-CDBZ0130L-HF Datasheet
254Kb / 4P
Low VF SMD Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
BAS40 TSC-BAS40_14 Datasheet
244Kb / 5P
Low VF SMD Schottky Barrier Diode
RB500V-40 TSC-RB500V-40_14 Datasheet
179Kb / 5P
Low VF SMD Schottky Barrier Diode
RB520G-30 TSC-RB520G-30_14 Datasheet
176Kb / 5P
Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
ACDBQC0130L-HF COMCHIP-ACDBQC0130L-HF Datasheet
473Kb / 4P
Low VF SMD Schottky Barrier Diode
REV:D
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com