Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC142 Datasheet (PDF) - Hittite Microwave Corporation

HMC142 Datasheet PDF - Hittite Microwave Corporation
Part # HMC142
Download  HMC142 Download
File Size   121.53 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz

HMC142 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC142 Datasheet PDF - Hittite Microwave Corporation

Part # HMC142
Download  HMC142 Click to download

File Size   121.53 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz

HMC142 Datasheet (HTML) - Hittite Microwave Corporation


HMC142 Product details

General Description
The HMC141 chip is a minature double-balanced mixer which can be used as an upconverter or downconverter. The HMC142 is identical to the HMC141 except that the layout is a mirror image designed to ease integration into image-reject mixer modules.

Features
    Input IP3: +21 dBm
    LO / RF Isolation: 25 to 40 dB
    IF Bandwidth: DC to 6 GHz
    Small Size: 1.48 x 1.48 x 0.1 mm (HMC141)
    Small Size: 1.52 x 1.52 x 0.1 mm (HMC142)

Typical Applications
The HMC141 & HMC142 is ideal for:
• UNII & HiperLAN
• Microwave & MMW Radios
• Military, Space & Test Equipment




Similar Part No. - HMC142

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC142 HITTITE-HMC142 Datasheet
121Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC142 HITTITE-HMC142 Datasheet
224Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
logo
Micross Components
HMC142 MICROSS-HMC142 Datasheet
902Kb / 9P
Microwave & MM W Radios
logo
Hittite Microwave Corpo...
HMC142C8 HITTITE-HMC142C8 Datasheet
143Kb / 4P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 6 - 15 GHz
HMC142C8 HITTITE-HMC142C8 Datasheet
263Kb / 4P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 6 - 15 GHz
More results


Similar Description - HMC142

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC141 HITTITE-HMC141 Datasheet
121Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC292 HITTITE-HMC292 Datasheet
167Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
HMC130 HITTITE-HMC130_07 Datasheet
181Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC144LH5 HITTITE-HMC144LH5 Datasheet
263Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC292 HITTITE-HMC292_08 Datasheet
203Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
HMC130 HITTITE-HMC130_09 Datasheet
196Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC141 HITTITE-HMC141_09 Datasheet
224Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC144LC4 HITTITE-HMC144LC4_09 Datasheet
201Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC144LH5 HITTITE-HMC144LH5_08 Datasheet
195Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC292 HITTITE-HMC292_09 Datasheet
212Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com