Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC174MS8 Datasheet (PDF) - Hittite Microwave Corporation

HMC174MS8 Datasheet PDF - Hittite Microwave Corporation
Part # HMC174MS8
Download  HMC174MS8 Download
File Size   181.7 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC T/R SWITCH DC - 3 GHz

HMC174MS8 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC174MS8 Datasheet PDF - Hittite Microwave Corporation

Part # HMC174MS8
Download  HMC174MS8 Click to download

File Size   181.7 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC T/R SWITCH DC - 3 GHz

HMC174MS8 Datasheet (HTML) - Hittite Microwave Corporation


HMC174MS8 Product details

General Description
The HMC174MS8 & HMC174MS8E are low-cost SPDT switches in 8-lead MSOP packages for use in transmit-receive applications which require very low distortion at high signal power levels. The device can control signals from DC to 3.0 GHz and is especially suited for 900 MHz, 1.8 - 2.2 GHz, and 2.4 GHz ISM applications with only 0.5 dB loss. The design provides exceptional intermodulation performance; providing a +60 dBm third order intercept at 8 Volt bias. RF1 and RF2 are refl ective shorts when “OFF”. Onchip circuitry allows single positive supply operation at very low DC current with control inputs compatible with CMOS and most TTL logic families.

Features
    Ultra Small Package: MSOP8
    High Third Order Intercept: +60 dBm
    Single Positive Supply: +3 to +10V
    High RF power Capabilty

Typical Applications
The HMC174MS8 / HMC174MS8E is ideal for:
• ISM Applications
• PCMCIA Wireless Cards
• Portable Wireless




Similar Part No. - HMC174MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC174MS8 HITTITE-HMC174MS8 Datasheet
246Kb / 6P
GaAs MMIC T/R SWITCH DC - 3 GHz
HMC174MS8 HITTITE-HMC174MS8_05 Datasheet
246Kb / 6P
GaAs MMIC T/R SWITCH DC - 3 GHz
More results


Similar Description - HMC174MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC595 HITTITE-HMC595 Datasheet
343Kb / 8P
GaAs MMIC 3 WATT T/R SWITCH, DC - 3 GHz
HMC574MS8 HITTITE-HMC574MS8 Datasheet
381Kb / 8P
GaAs MMIC 5 WATT T/R SWITCH DC - 3 GHz
HMC174MS8 HITTITE-HMC174MS8_05 Datasheet
246Kb / 6P
GaAs MMIC T/R SWITCH DC - 3 GHz
HMC484MS8G HITTITE-HMC484MS8G_08 Datasheet
277Kb / 8P
GaAs MMIC 10 WATT T/R SWITCH DC - 3 GHz
HMC574MS8 HITTITE-HMC574MS8_09 Datasheet
261Kb / 8P
GaAs MMIC 5 WATT T/R SWITCH DC - 3 GHz
HMC595 HITTITE-HMC595_08 Datasheet
231Kb / 8P
GaAs MMIC 3 WATT T/R SWITCH, DC - 3 GHz
HMC484MS8G HITTITE-HMC484MS8G_10 Datasheet
889Kb / 8P
GaAs MMIC 10 WATT T/R SWITCH DC - 3 GHz
HMC595A HITTITE-HMC595A Datasheet
879Kb / 8P
GaAs MMIC 3 WATT T/R SWITCH DC - 3 GHz
logo
Analog Devices
HMC574AMS8E AD-HMC574AMS8E Datasheet
601Kb / 6P
GaAs MMIC 5 WATT T/R SWITCH DC - 3 GHz
HMC595A AD-HMC595A Datasheet
371Kb / 6P
GaAs MMIC 3 WATT T/R SWITCH DC - 3 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com