Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDSF101A-HF Datasheet (PDF) - Comchip Technology

CDSF101A-HF Datasheet PDF - Comchip Technology
Part # CDSF101A-HF
Download  CDSF101A-HF Download
File Size   130.98 Kbytes
Page   4 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD Switching Diode

CDSF101A-HF Datasheet (PDF)

Go To PDF Page Download Datasheet
CDSF101A-HF Datasheet PDF - Comchip Technology

Part # CDSF101A-HF
Download  CDSF101A-HF Click to download

File Size   130.98 Kbytes
Page   4 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD Switching Diode

CDSF101A-HF Datasheet (HTML) - Comchip Technology


CDSF101A-HF Product details

RoHS Device
Halogen Free
IO = 100 mA
VR = 80 V

Features
- High Speed.
- Designed for mounting on small surface.
- Extremely thin/leadless package.
- Low leakage current (<50nA).
- High mounting capability, strong surge
   withstand, high reliability.

Mechanical data
- Case: 1005/SOD-323F standard package, molded plastic.
- Terminals: Gold plated, Solderable per MIL-STD-750,method 2026.
- Polarity: Indicated by cathode band.
- Mounting position: Any.
- Weight: 0.006 grams(approx.).




Similar Part No. - CDSF101A-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSF101A COMCHIP-CDSF101A Datasheet
150Kb / 2P
SMD Switching Diode
More results


Similar Description - CDSF101A-HF

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ASS355 ANACHIP-ASS355 Datasheet
96Kb / 3P
SMD Switching Diode
Rev. 0.0 Oct 29, 2003
logo
Comchip Technology
CDSU400B COMCHIP-CDSU400B Datasheet
150Kb / 2P
SMD Switching Diode
CDSFR101A COMCHIP-CDSFR101A Datasheet
75Kb / 2P
SMD Switching Diode
CDSFR355B COMCHIP-CDSFR355B Datasheet
76Kb / 2P
SMD Switching Diode
CDSFR4448 COMCHIP-CDSFR4448 Datasheet
73Kb / 2P
SMD Switching Diode
CDST4448-G COMCHIP-CDST4448-G Datasheet
76Kb / 2P
SMD Switching Diode
CDSUR400B COMCHIP-CDSUR400B Datasheet
76Kb / 2P
SMD Switching Diode
CDSF4148S-HF COMCHIP-CDSF4148S-HF Datasheet
130Kb / 4P
SMD Switching Diode
CDSQR4148S-HF COMCHIP-CDSQR4148S-HF Datasheet
125Kb / 4P
SMD Switching Diode
CDST-4448-G COMCHIP-CDST-4448-G Datasheet
385Kb / 4P
SMD Switching Diode
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com