Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC219MS8 Datasheet (PDF) - Hittite Microwave Corporation

HMC219MS8 Datasheet PDF - Hittite Microwave Corporation
Part # HMC219MS8
Download  HMC219MS8 Download
File Size   177.93 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz

HMC219MS8 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC219MS8 Datasheet PDF - Hittite Microwave Corporation

Part # HMC219MS8
Download  HMC219MS8 Click to download

File Size   177.93 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz

HMC219MS8 Datasheet (HTML) - Hittite Microwave Corporation


HMC219MS8 Product details

General Description
The HMC219MS8 & HMC219MS8E are ultra miniature double-balanced mixers in 8 lead plastic surface mount packages (MSOP). This passive MMIC mixer is constructed of GaAs Schottky diodes and novel planar transformer baluns on the chip. The device can be used as an upconverter, downconverter, bi-phase (de)modulator, or phase comparator. The consistent MMIC performance will improve system operation and assure regulatory compliance.

Features
    Ultra Small Package: MSOP8
    Conversion Loss: 8.5 dB
    LO / RF Isolation: 25 dB

Typical Applications
The HMC219MS8 / HMC219MS8E is ideal for:
• UNII & HiperLAN
• ISM
• Microwave Radios




Similar Part No. - HMC219MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC219MS8 HITTITE-HMC219MS8 Datasheet
247Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
HMC219MS8 HITTITE-HMC219MS8_06 Datasheet
247Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
HMC219MS8 HITTITE-HMC219MS8_10 Datasheet
181Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
More results


Similar Description - HMC219MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC168C8 HITTITE-HMC168C8 Datasheet
117Kb / 3P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 8 GHz
HMC175MS8 HITTITE-HMC175MS8 Datasheet
196Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC218MS8 HITTITE-HMC218MS8 Datasheet
183Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz
HMC168C8 HITTITE-HMC168C8_06 Datasheet
174Kb / 4P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 8 GHz
HMC175MS8 HITTITE-HMC175MS8_06 Datasheet
247Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC218MS8 HITTITE-HMC218MS8_06 Datasheet
223Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz
HMC219MS8 HITTITE-HMC219MS8_06 Datasheet
247Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
HMC175MS8 HITTITE-HMC175MS8_08 Datasheet
172Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC218MS8 HITTITE-HMC218MS8_08 Datasheet
176Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED BALANCED MIXER, 4.5 - 6 GHz
HMC219MS8 HITTITE-HMC219MS8_10 Datasheet
181Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com