Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC220MS8 Datasheet (PDF) - Hittite Microwave Corporation

HMC220MS8 Datasheet PDF - Hittite Microwave Corporation
Part # HMC220MS8
Download  HMC220MS8 Download
File Size   221.47 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SMT DOUBLEBALANCED MIXER, 5 - 12 GHz

HMC220MS8 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC220MS8 Datasheet PDF - Hittite Microwave Corporation

Part # HMC220MS8
Download  HMC220MS8 Click to download

File Size   221.47 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SMT DOUBLEBALANCED MIXER, 5 - 12 GHz

HMC220MS8 Datasheet (HTML) - Hittite Microwave Corporation


HMC220MS8 Product details

General Description
The HMC220MS8 & HMC220MS8E are ultra miniature double-balanced mixers in 8 lead plastic surface mount packages (MSOP). This passive MMIC mixer is constructed of GaAs Schottky diodes and novel planar transformer baluns on the chip. The device can be used as an upconverter, downconverter, bi-phase (de)modulator, or phase comparator. The consistent MMIC performance will improve system operation and assure regulatory compliance.

Features
   Ultra Small Package: MSOP8
   Conversion Loss: 8.5 dB
   Wideband IF: DC - 4 GHz

Typical Applications
The HMC220MS8 / HMC220MS8E is ideal for:
• Microwave Radios
• VSAT




Similar Part No. - HMC220MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC220MS8 HITTITE-HMC220MS8 Datasheet
279Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 5 - 12 GHz
HMC220MS8 HITTITE-HMC220MS8_06 Datasheet
279Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 5 - 12 GHz
More results


Similar Description - HMC220MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC142C8 HITTITE-HMC142C8 Datasheet
143Kb / 4P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 6 - 15 GHz
HMC218MS8 HITTITE-HMC218MS8 Datasheet
183Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz
HMC128G8 HITTITE-HMC128G8 Datasheet
117Kb / 4P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.8 - 5 GHz
HMC128G8 HITTITE-HMC128G8_06 Datasheet
144Kb / 4P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.8 - 5 GHz
HMC141C8 HITTITE-HMC141C8_06 Datasheet
187Kb / 4P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 6 - 15 GHz
HMC170C8 HITTITE-HMC170C8_06 Datasheet
180Kb / 4P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 2.5 - 4 GHz
HMC171C8 HITTITE-HMC171C8_06 Datasheet
174Kb / 4P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 7 - 10 GHz
HMC220MS8 HITTITE-HMC220MS8_06 Datasheet
279Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 5 - 12 GHz
HMC208AMS8 HITTITE-HMC208AMS8 Datasheet
639Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC220AMS8 HITTITE-HMC220AMS8 Datasheet
612Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 5 - 12 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com