Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC230MS8 Datasheet (PDF) - Hittite Microwave Corporation

HMC230MS8 Datasheet PDF - Hittite Microwave Corporation
Part # HMC230MS8
Download  HMC230MS8 Download
File Size   149.03 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 4 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.75 - 2.0 GHz

HMC230MS8 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC230MS8 Datasheet PDF - Hittite Microwave Corporation

Part # HMC230MS8
Download  HMC230MS8 Click to download

File Size   149.03 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 4 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.75 - 2.0 GHz

HMC230MS8 Datasheet (HTML) - Hittite Microwave Corporation


HMC230MS8 Product details

General Description

The HMC230MS8 & HMC230MS8E are broadband 3 - bit positive control GaAs IC digital attenuators in 8 lead MSOP surface mount plastic packages. Cover ing 0.75 to 2 GHz, the insertion loss is typically less than 2 dB. The attenuator bit values are 4 (LSB), 8, and 16 dB for a total attenuation of 28 dB. Accuracy is excellent at ± 0.5 dB typical with an IIP3 of up to +48 dBm. Three bit control voltage inputs, toggled between 0 and +3 to +5 volts, are used to select each attenuation state at less than 50 uA each. A single Vdd bias of +3 to +5 volts applied through an external 5K Ohm resistor is required.



Features

  4 dB LSB Steps to 28 dB

  Single Positive Control Per Bit

  +/- 0.5 dB Typical Bit Error

  Pin - For - Pin Replacement to

  AA100-59 Digital Attenuator

 

Typical Applications

The HMC230MS8 / HMC230MS8E is ideal for:

• Cellular

• PCS, ISM, MMDS

• WLL Handset

• Base Station Infrastructure



 




Similar Part No. - HMC230MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC230MS8 HITTITE-HMC230MS8 Datasheet
191Kb / 6P
4 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.75 - 2.0 GHz
HMC230MS8 HITTITE-HMC230MS8 Datasheet
224Kb / 6P
4 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.75 - 2.0 GHz
HMC230MS8 HITTITE-HMC230MS8_06 Datasheet
224Kb / 6P
4 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.75 - 2.0 GHz
HMC230MS8 HITTITE-HMC230MS8_08 Datasheet
191Kb / 6P
4 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.75 - 2.0 GHz
More results


Similar Description - HMC230MS8

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA100-59 ALPHA-AA100-59 Datasheet
38Kb / 2P
GaAs IC 3 Bit Digital Attenuator 4 dB LSB Positive Control 0.75-2 GHz
logo
Hittite Microwave Corpo...
HMC288MS8 HITTITE-HMC288MS8 Datasheet
160Kb / 6P
2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC110G16 HITTITE-HMC110G16 Datasheet
93Kb / 4P
1 dB LSB GaAs MMIC SMT 5-BIT DIGITAL ATTENUATOR, DC - 2.0 GHz
logo
Skyworks Solutions Inc.
AA100-59LF SKYWORKS-AA100-59LF Datasheet
187Kb / 4P
GaAs 3 Bit Digital Attenuator, 4 dB LSB 0.75-2 GHz
logo
Hittite Microwave Corpo...
HMC230MS8 HITTITE-HMC230MS8_06 Datasheet
224Kb / 6P
4 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.75 - 2.0 GHz
HMC235QS16G HITTITE-HMC235QS16G_01 Datasheet
205Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
HMC230MS8 HITTITE-HMC230MS8_08 Datasheet
191Kb / 6P
4 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.75 - 2.0 GHz
HMC291 HITTITE-HMC291_08 Datasheet
205Kb / 6P
4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC629LP4 HITTITE-HMC629LP4 Datasheet
1,007Kb / 8P
3 dB LSB GaAs MMIC 4-BIT DIGITAL ATTENUATOR, DC - 6 GHz
logo
Analog Devices
HMC629ALP4E AD-HMC629ALP4E Datasheet
1Mb / 9P
3 dB LSB GaAs MMIC 4-BIT DIGITAL ATTENUATOR, DC - 10GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com