Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC232G7 Datasheet (PDF) - Hittite Microwave Corporation

HMC232G7 Datasheet PDF - Hittite Microwave Corporation
Part # HMC232G7
Download  HMC232G7 Download
File Size   173.83 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6.0 GHz

HMC232G7 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC232G7 Datasheet PDF - Hittite Microwave Corporation

Part # HMC232G7
Download  HMC232G7 Click to download

File Size   173.83 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6.0 GHz

HMC232G7 Datasheet (HTML) - Hittite Microwave Corporation


HMC232G7 Product details

General Description
The HMC232G7 is a broadband high isolation non-refl ective GaAs MESFET SPDT switch in a hermetic surface mount package. Covering DC to 6.0 GHz, the switch features >55 dB isolation up to 2 GHz and >42 dB isolation up to 6.0 GHz. The switch operates using complementary negative control voltage logic lines of -5/0V and requires no bias supply. This product is a form, fi t & functional replacement for the HMC132G7.

Features
   Isolation: 55 dB @ 2.0 GHz
                   42 dB @ 6.0 GHz
   Insertion Loss: 1.9 dB Typical @ 6.0 GHz
   Non-Refl ective Design
   Hermetic Surface Mount Package
   Direct Replacement for HMC132G7

Typical Applications
The HMC232G7 is ideal for:
• Telecom Infrastructure
• Microwave Radio & VSAT
• Military Radios, Radar & ECM
• Space Systems
• Test Instrumentation




Similar Part No. - HMC232G7

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC232G7 HITTITE-HMC232G7 Datasheet
188Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6 GHz
HMC232G7 HITTITE-HMC232G7 Datasheet
261Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6.0 GHz
HMC232G7 HITTITE-HMC232G7_06 Datasheet
261Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6.0 GHz
HMC232G7 HITTITE-HMC232G7_08 Datasheet
188Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6 GHz
More results


Similar Description - HMC232G7

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC231G7 HITTITE-HMC231G7 Datasheet
172Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPST SWITCH, DC - 6.0 GHz
HMC232G8 HITTITE-HMC232G8 Datasheet
172Kb / 6P
GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6.0 GHz
HMC233G8 HITTITE-HMC233G8 Datasheet
192Kb / 6P
GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6.0 GHz
HMC234C8 HITTITE-HMC234C8 Datasheet
191Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
HMC347C8 HITTITE-HMC347C8 Datasheet
179Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
HMC607G7 HITTITE-HMC607G7 Datasheet
270Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6.0 GHz
HMC231G7 HITTITE-HMC231G7_07 Datasheet
258Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPST SWITCH, DC - 6.0 GHz
HMC232G7 HITTITE-HMC232G7_06 Datasheet
261Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6.0 GHz
HMC232G8 HITTITE-HMC232G8_06 Datasheet
208Kb / 6P
GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6.0 GHz
HMC233G8 HITTITE-HMC233G8_06 Datasheet
224Kb / 6P
GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6.0 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com