Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC240 Datasheet (PDF) - Hittite Microwave Corporation

HMC240 Datasheet PDF - Hittite Microwave Corporation
Part # HMC240
Download  HMC240 Download
File Size   115.68 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SPDT SWITCH DC - 4.0 GHz

HMC240 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC240 Datasheet PDF - Hittite Microwave Corporation

Part # HMC240
Download  HMC240 Click to download

File Size   115.68 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SPDT SWITCH DC - 4.0 GHz

HMC240 Datasheet (HTML) - Hittite Microwave Corporation


HMC240 Product details

General Description
The HMC240 is a low cost GaAs MESFET SPDT switch chip. Covering DC to 4.0 GHz, this switch offers high isolation and low insertion loss. RF1 and RF2 are reflective shorts when “off”. The switch can operate using either two negative control logic inputs of -5/0V or two positive control voltage logic inputs of 0/+5V. All data is tested with the chip in a 50 Ohm test fixture connected via 0.025 mm (1 mil) diameter wire bonds of 0.31 mm (12 mils) length.

Features
   Broadband Performance: DC - 4.0 GHz
   Low Insertion Loss: 0.5 dB @ 2.0 GHz
   High IIP3: +48 dBm
   Small Size: 0.70 mm x 0.70 mm x 0.13 mm

Typical Applications
The HMC240 is ideal for:
• Telecom Infrastructure
• Microwave Radio & VSAT
• Military & Space
• Test Instrumentation




Similar Part No. - HMC240

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC240A HITTITE-HMC240A Datasheet
259Kb / 6P
GaAs MMIC SPDT SWITCH DC - 4 GHz
logo
Micross Components
HMC240A MICROSS-HMC240A Datasheet
878Kb / 9P
Telecom Infrastructure
logo
Hittite Microwave Corpo...
HMC240 HITTITE-HMC240_10 Datasheet
152Kb / 6P
GaAs MMIC SPDT SWITCH DC - 4 GHz
More results


Similar Description - HMC240

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC194MS8 HITTITE-HMC194MS8 Datasheet
185Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC190MS8 HITTITE-HMC190MS8_06 Datasheet
232Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8_06 Datasheet
234Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
M/A-COM Technology Solu...
MASW4030G MA-COM-MASW4030G Datasheet
66Kb / 4P
GaAs SPDT Switch DC - 4.0 GHz
logo
Hittite Microwave Corpo...
HMC190MS8 HITTITE-HMC190MS8_05 Datasheet
195Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC240A HITTITE-HMC240A Datasheet
259Kb / 6P
GaAs MMIC SPDT SWITCH DC - 4 GHz
HMC545 HITTITE-HMC545_08 Datasheet
199Kb / 6P
GaAs MMIC SPDT SWITCH, DC - 3 GHz
HMC240 HITTITE-HMC240_10 Datasheet
152Kb / 6P
GaAs MMIC SPDT SWITCH DC - 4 GHz
logo
M/A-COM Technology Solu...
MASW4030G MA-COM-MASW4030G_15 Datasheet
488Kb / 5P
GaAs SPDT Switch DC - 4.0 GHz
logo
Analog Devices
HMC190BMS8 AD-HMC190BMS8 Datasheet
467Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com