Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC264LM3 Datasheet (PDF) - Hittite Microwave Corporation

HMC264LM3 Datasheet PDF - Hittite Microwave Corporation
Part # HMC264LM3
Download  HMC264LM3 Download
File Size   341.06 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 30 GHz

HMC264LM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC264LM3 Datasheet PDF - Hittite Microwave Corporation

Part # HMC264LM3
Download  HMC264LM3 Click to download

File Size   341.06 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 30 GHz

HMC264LM3 Datasheet (HTML) - Hittite Microwave Corporation


HMC264LM3 Product details

General Description

The HMC264LM3 is a 20 - 30 GHz surface mount sub-harmonically pumped (x2) MMIC mixer with an integrated LO amplifier in a SMT leadless chip carrier package. The 2LO to RF isolation is an excellent 25 to 35 dB, eliminating the need for additional filtering. The LO amplifier is a single bias (+3V to +4V) two stage design with only -4 dBm drive requirement. All data is with the non hermetic, epoxy sealed LM3 packaged device mounted in a 50 ohm test fixture. Utilizing the HMC264LM3 eliminates the need for wirebond

ing, thereby providing a consistent connection interface for the customer.



Features

Integrated LO Amplifi er: -4 dBm Input

Sub-Harmonically Pumped (x2) LO

High 2LO/RF Isolation: 35 dB

LM3 SMT Package



Typical Applications

The HMC264LM3 is ideal for:

• 20 and 30 GHz Microwave Radios

• Up and Down Converter for

Point to Point Radios

• LMDS and SATCOM




Similar Part No. - HMC264LM3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC264LM3 HITTITE-HMC264LM3 Datasheet
274Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 30 GHz
HMC264LM3 HITTITE-HMC264LM3 Datasheet
394Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 30 GHz
logo
Analog Devices
HMC264LM3 AD-HMC264LM3 Datasheet
409Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 30 GHz
logo
Hittite Microwave Corpo...
HMC264LM3 HITTITE-HMC264LM3_06 Datasheet
394Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 30 GHz
HMC264LM3 HITTITE-HMC264LM3_08 Datasheet
274Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 30 GHz
More results


Similar Description - HMC264LM3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC258LM3 HITTITE-HMC258LM3 Datasheet
261Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 14 - 20 GHz
HMC265LM3 HITTITE-HMC265LM3 Datasheet
302Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC258LM3 HITTITE-HMC258LM3_06 Datasheet
313Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 14 - 20 GHz
HMC264LM3 HITTITE-HMC264LM3_06 Datasheet
394Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 30 GHz
HMC265LM3 HITTITE-HMC265LM3_06 Datasheet
354Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC258LM3 HITTITE-HMC258LM3_08 Datasheet
223Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 14 - 20 GHz
HMC264LM3 HITTITE-HMC264LM3_08 Datasheet
274Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 30 GHz
HMC265LM3 HITTITE-HMC265LM3_08 Datasheet
252Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
logo
Analog Devices
HMC264LM3 AD-HMC264LM3 Datasheet
409Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 30 GHz
HMC265LM3 AD-HMC265LM3 Datasheet
385Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com