Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC270MS8G Datasheet (PDF) - Hittite Microwave Corporation

HMC270MS8G Datasheet PDF - Hittite Microwave Corporation
Part # HMC270MS8G
Download  HMC270MS8G Download
File Size   164.27 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8.0 GHz

HMC270MS8G Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC270MS8G Datasheet PDF - Hittite Microwave Corporation

Part # HMC270MS8G
Download  HMC270MS8G Click to download

File Size   164.27 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8.0 GHz

HMC270MS8G Datasheet (HTML) - Hittite Microwave Corporation


HMC270MS8G Product details

General Description

The HMC270MS8G & HMC270MS8GE are broad band non-refl ective GaAs SPDT switches in 8 lead MSOP grounded base surface mount plastic packages. Covering DC to 8 GHz, the switch offers excellent isolation from 70 to 35 dB. The negative control voltage of -5 volts allows operation down to DC. If positive control is required along with high isolation, see the DC to 3.5 GHz HMC284MS8G nonreflective SPDT.



Features

Broadband Performance: DC - 8 GHz

Very High Isolation: 45 dB @ 6 GHz

Non-Refl ective Design

Low Cost MSOP-8 Package: 14.8 mm2



Typical Applications

The HMC270MS8G / HMC270MS8GE is ideal for DC - 8.0 GHz applications:

• CATV

• MMDS & WirelessLAN

• Wireless Local Loop




Similar Part No. - HMC270MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC270MS8G HITTITE-HMC270MS8G Datasheet
176Kb / 6P
GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8 GHz
HMC270MS8G HITTITE-HMC270MS8G Datasheet
207Kb / 6P
GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8.0 GHz
HMC270MS8G HITTITE-HMC270MS8G Datasheet
176Kb / 6P
GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8 GHz
HMC270MS8GETR HITTITE-HMC270MS8GETR Datasheet
176Kb / 6P
GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8 GHz
HMC270MS8G HITTITE-HMC270MS8G_07 Datasheet
207Kb / 6P
GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8.0 GHz
More results


Similar Description - HMC270MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC322LP4 HITTITE-HMC322LP4 Datasheet
265Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC344 HITTITE-HMC344 Datasheet
167Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC344LP3 HITTITE-HMC344LP3 Datasheet
224Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC547LP3 HITTITE-HMC547LP3 Datasheet
228Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20.0 GHz
HMC344LC3 HITTITE-HMC344LC3 Datasheet
249Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC270MS8G HITTITE-HMC270MS8G_07 Datasheet
207Kb / 6P
GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8.0 GHz
HMC322LP4 HITTITE-HMC322LP4_06 Datasheet
361Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC344 HITTITE-HMC344_06 Datasheet
211Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC344LP3 HITTITE-HMC344LP3_06 Datasheet
307Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC547LP3E HITTITE-HMC547LP3E Datasheet
743Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com