Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-008322 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASW-008322 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASW-008322
Download  MASW-008322 Download
File Size   633.95 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Switch

MASW-008322 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW-008322 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASW-008322
Download  MASW-008322 Click to download

File Size   633.95 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Switch

MASW-008322 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASW-008322 Product details

Description

The MASW-008322 is a versatile, broadband, high isolation SPDT switch offered in a lead-free 4 mm 24-lead PQFN surface mount plastic package. The design incorporates both series and shunt circuit elements with the locations optimized to achieve outstanding broadband performance to 20 GHz. The combination of broadband performance along with very fast switching and excellent settling time make this device ideal for many applications, including Test & Measurement, EW and broadband communication systems.



Features

•  Very Broadband Performance

•  Low Insertion Loss: 1.9 dB Typical @ 20 GHz

•  High Isolation: 40 dB Typical @ 20 GHz

•  Fast Switching Speed

•  Reflective Configuration

•  Ultra Low DC Power Consumption

•  Lead-Free 4 mm 24-Lead PQFN Package

•  Halogen-Free “Green” Mold Compound

•  RoHS Compliant* and 260°C Reflow Compatible




Similar Part No. - MASW-008322

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008322 MA-COM-MASW-008322 Datasheet
164Kb / 4P
GaAs SPDT Switch
MASW-008322-001SMB MA-COM-MASW-008322-001SMB Datasheet
164Kb / 4P
GaAs SPDT Switch
MASW-008322-TR0500 MA-COM-MASW-008322-TR0500 Datasheet
164Kb / 4P
GaAs SPDT Switch
MASW-008322-TR1000 MA-COM-MASW-008322-TR1000 Datasheet
164Kb / 4P
GaAs SPDT Switch
MASW-008322-V3 MA-COM-MASW-008322-V3 Datasheet
164Kb / 4P
GaAs SPDT Switch
More results


Similar Description - MASW-008322

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008322_V3 MA-COM-MASW-008322_V3 Datasheet
164Kb / 4P
GaAs SPDT Switch
SW-456_V5 MA-COM-SW-456_V5 Datasheet
83Kb / 4P
GaAs SPDT Switch
MASW4030G MA-COM-MASW4030G Datasheet
75Kb / 4P
GaAs SPDT Switch
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
GaAs SPDT Switch
MASW-008075 MA-COM-MASW-008075 Datasheet
105Kb / 3P
GaAs SPDT Switch
MASW-008322-V3 MA-COM-MASW-008322-V3 Datasheet
164Kb / 4P
GaAs SPDT Switch
MASW-008899 MA-COM-MASW-008899 Datasheet
148Kb / 4P
GaAs SPDT Switch
MASWSS0136 MA-COM-MASWSS0136_15 Datasheet
596Kb / 4P
GaAs SPDT Switch
MASWSS0157 MA-COM-MASWSS0157_15 Datasheet
615Kb / 5P
GaAs SPDT Switch
MASWSS0176 MA-COM-MASWSS0176_15 Datasheet
639Kb / 4P
GaAs SPDT Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com