Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC279MS8G Datasheet (PDF) - Hittite Microwave Corporation

HMC279MS8G Datasheet PDF - Hittite Microwave Corporation
Part # HMC279MS8G
Download  HMC279MS8G Download
File Size   229.48 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DRIVER AMPLIFIER 2.5 - 4.2 GHz

HMC279MS8G Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC279MS8G Datasheet PDF - Hittite Microwave Corporation

Part # HMC279MS8G
Download  HMC279MS8G Click to download

File Size   229.48 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DRIVER AMPLIFIER 2.5 - 4.2 GHz

HMC279MS8G Datasheet (HTML) - Hittite Microwave Corporation


HMC279MS8G Product details

General Description
The HMC279MS8G is a +3V GaAs MMIC driver amplifi er covering the 2.5 - 4.2 GHz frequency range. The device is packaged in a low cost, surface mount MSOP plastic package with an exposed base paddle for improved RF ground. The amplifi er provides greater than 36dB gain and +14 dBm P1dB while operating from a single +3V supply at only 60mA. No external components are required and the amplifi er occupies less than 0.023 sq. in. (14.6 sq. mm). All data is taken with the amplifi er assembled into a 50 ohm test fi xture with the exposed ground paddle connected to RF ground.

Features
    High Gain: 36 dB
    Psat Output Power: +14 dBm
    Single Supply: +3V @ 60 mA
    Ultra Small Package: MSOP8G
    No External Matching Required
   
Typical Applications
The HMC279MS8G is ideal for:
• 2.6 - 2.7 GHz MMDS
• 3.5 GHz Wireless Local Loop
• 3.7 - 4.2 GHz Satellite (Receive and Transmit Bands)




Similar Part No. - HMC279MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC279MS8G HITTITE-HMC279MS8G Datasheet
229Kb / 6P
GaAs MMIC DRIVER AMPLIFIER 2.5 - 4.2 GHz
HMC279MS8G HITTITE-HMC279MS8G_01 Datasheet
229Kb / 6P
GaAs MMIC DRIVER AMPLIFIER 2.5 - 4.2 GHz
HMC279MS8G HITTITE-HMC279MS8G_10 Datasheet
177Kb / 6P
GaAs MMIC DRIVER AMPLIFIER 2.5 - 4.2 GHz
More results


Similar Description - HMC279MS8G

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA026P1-00 ALPHA-AA026P1-00 Datasheet
98Kb / 2P
25-29 GHz GaAs MMIC Driver Amplifier
AA031P1-00 ALPHA-AA031P1-00 Datasheet
51Kb / 2P
28-32 GHz GaAs MMIC Driver Amplifier
logo
Hittite Microwave Corpo...
HMC286 HITTITE-HMC286 Datasheet
153Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
logo
Fairchild Semiconductor
RMPA2450 FAIRCHILD-RMPA2450 Datasheet
155Kb / 6P
2.4-2.5 GHz GaAs MMIC Power Amplifier
RMPA2451 FAIRCHILD-RMPA2451 Datasheet
489Kb / 7P
2.4-2.5 GHz GaAs MMIC Power Amplifier
logo
Skyworks Solutions Inc.
AA038P1-00 SKYWORKS-AA038P1-00 Datasheet
76Kb / 2P
36-39 GHz GaAs MMIC Driver Amplifier
logo
Hittite Microwave Corpo...
HMC286 HITTITE-HMC286_06 Datasheet
238Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC279MS8G HITTITE-HMC279MS8G_01 Datasheet
229Kb / 6P
GaAs MMIC DRIVER AMPLIFIER 2.5 - 4.2 GHz
HMC286 HITTITE-HMC286_10 Datasheet
173Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC279MS8G HITTITE-HMC279MS8G_10 Datasheet
177Kb / 6P
GaAs MMIC DRIVER AMPLIFIER 2.5 - 4.2 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com