Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC283 Datasheet (PDF) - Hittite Microwave Corporation

HMC283 Datasheet PDF - Hittite Microwave Corporation
Part # HMC283
Download  HMC283 Download
File Size   284.36 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz

HMC283 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC283 Datasheet PDF - Hittite Microwave Corporation

Part # HMC283
Download  HMC283 Click to download

File Size   284.36 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz

HMC283 Datasheet (HTML) - Hittite Microwave Corporation


HMC283 Product details

General Description

The HMC283 chip is a four stage GaAs MMIC Medium Power Amplifi er (MPA) which covers the frequency range of 17 to 40 GHz. The chip can easily be inte grated into Multi-Chip Modules (MCMs) due to its small size. The chip utilizes a GaAs PHEMT process offering 21 dB gain and +21 dBm output power from a bias supply of +3.5V @ 300 mA. The HMC283 may be used as a frequency doubler. A B.I.T. (Built-In-Test) pad (Vdet) allows monitoring microwave output power. All data is with the chip in a 50 ohm test fi xture connected via 0.076 x 0.0127mm (3mil x 0.5mil) ribbon bonds of minimal length 0.31mm (<12mils).



Features

High Gain: 21 dB

Psat Output Power: +21 dBm

Wideband Performance: 17 - 40 GHz

Small Chip Size: 1.72 x 0.88 x 0.1 mm



Typical Applications

The HMC283 is ideal for:

• Millimeterwave Point-to-Point Radios

• VSAT

• SATCOM




Similar Part No. - HMC283

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC283 HITTITE-HMC283 Datasheet
314Kb / 8P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
HMC283 HITTITE-HMC283 Datasheet
320Kb / 8P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
HMC283LM1 HITTITE-HMC283LM1 Datasheet
367Kb / 8P
SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 17 - 40 GHz
HMC283LM1 HITTITE-HMC283LM1 Datasheet
438Kb / 8P
SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 17 - 40 GHz
HMC283LM1 HITTITE-HMC283LM1 Datasheet
312Kb / 8P
SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 17 - 40 GHz
More results


Similar Description - HMC283

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC283LM1 HITTITE-HMC283LM1 Datasheet
367Kb / 8P
SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 17 - 40 GHz
HMC283 HITTITE-HMC283_08 Datasheet
314Kb / 8P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
HMC283LM1 HITTITE-HMC283LM1_06 Datasheet
438Kb / 8P
SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 17 - 40 GHz
HMC-APH196 HITTITE-HMC-APH196 Datasheet
204Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 17 - 30 GHz
HMC-APH510 HITTITE-HMC-APH510 Datasheet
203Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 37 - 40 GHz
HMC281 HITTITE-HMC281_00 Datasheet
152Kb / 6P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
HMC283 HITTITE-HMC283_07 Datasheet
320Kb / 8P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
HMC283LM1 HITTITE-HMC283LM1_01 Datasheet
312Kb / 8P
SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 17 - 40 GHz
HMC283 HITTITE-HMC283_10 Datasheet
336Kb / 8P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
HMC283LM1 HITTITE-HMC283LM1_10 Datasheet
326Kb / 8P
SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 17 - 40 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com