Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC284MS8G Datasheet (PDF) - Hittite Microwave Corporation

HMC284MS8G Datasheet PDF - Hittite Microwave Corporation
Part # HMC284MS8G
Download  HMC284MS8G Download
File Size   208.51 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz

HMC284MS8G Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC284MS8G Datasheet PDF - Hittite Microwave Corporation

Part # HMC284MS8G
Download  HMC284MS8G Click to download

File Size   208.51 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz

HMC284MS8G Datasheet (HTML) - Hittite Microwave Corporation


HMC284MS8G Product details

General Description

The HMC284MS8G & HMC284MS8GE are low-cost SPDT switches in 8-lead grounded base MSOP packages. The design has been optimized to provide high isolation with minimal insertion loss for medium and low power applications. On-chip circuitry allows positive voltage control operation at very low DC currents with control inputs compatible with CMOS and most TTL logic families. In the “OFF” state, RF1 and RF2 are non-refl ective. See refl ective high isolation SPDT version, HMC194MS8.



Features

High Isolation: >45 dB

Positive control: 0/+5V

Non-Refl ective Design

Ultra Small Pakcage: MSOP8G

Indluded in the HMC-DK005 Designers’ Kit


 



Typical Applications

The HMC284MS8G / HMC284MS8GE is ideal for:

• Cellular/PCS Base Stations

• 2.4 GHz ISM

• 3.5 GHz Wireless Local Loop




Similar Part No. - HMC284MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC284MS8G HITTITE-HMC284MS8G Datasheet
249Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
logo
List of Unclassifed Man...
HMC284MS8G ETC2-HMC284MS8G Datasheet
221Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC284MS8GE ETC2-HMC284MS8GE Datasheet
221Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
logo
Hittite Microwave Corpo...
HMC284MS8G HITTITE-HMC284MS8G_07 Datasheet
249Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
More results


Similar Description - HMC284MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC435MS8G HITTITE-HMC435MS8G Datasheet
189Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC284MS8G HITTITE-HMC284MS8G_07 Datasheet
249Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC435MS8G HITTITE-HMC435MS8G_07 Datasheet
210Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC435MS8G HITTITE-HMC435MS8G_10 Datasheet
165Kb / 4P
SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
logo
List of Unclassifed Man...
HMC284MS8GE ETC2-HMC284MS8GE Datasheet
221Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
logo
Custom MMIC Design Serv...
CMD196 MMIC-CMD196 Datasheet
216Kb / 9P
DC-28 GHz SPDT Non-reflective Switch
CMD196C3 MMIC-CMD196C3 Datasheet
257Kb / 9P
DC-28 GHz SPDT Non-reflective Switch
CMD195C3 MMIC-CMD195C3 Datasheet
252Kb / 9P
DC-18 GHz SPDT Non-reflective Switch
CMD195 MMIC-CMD195 Datasheet
210Kb / 9P
DC-20 GHz SPDT Non-reflective Switch
logo
Analog Devices
HMC435AMS8G AD-HMC435AMS8G Datasheet
472Kb / 5P
SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com