Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC292LM3C Datasheet (PDF) - Hittite Microwave Corporation

HMC292LM3C Datasheet PDF - Hittite Microwave Corporation
Part # HMC292LM3C
Download  HMC292LM3C Download
File Size   277.82 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DOUBLE-BALANCED SMT MIXER, 17 - 31 GHz

HMC292LM3C Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC292LM3C Datasheet PDF - Hittite Microwave Corporation

Part # HMC292LM3C
Download  HMC292LM3C Click to download

File Size   277.82 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DOUBLE-BALANCED SMT MIXER, 17 - 31 GHz

HMC292LM3C Datasheet (HTML) - Hittite Microwave Corporation


HMC292LM3C Product details

General Description
The HMC292LM3C is a 17 - 31 GHz surface mount passive GaAs MMIC double-balanced mixer in a SMT leadless chip carrier package. The mixer can be used as a downconverter or upconverter. Excellent isolations are provided by on-chip baluns, which require no external components and no DC bias. All data is with the nonhermetic, epoxy sealed LM3C packaged device mounted in a 50 Ohm test fixture. Utilizing the HMC292LM3C eliminates the need for wirebonding, thereby providing a consistent connection interface for the customer.

Features
   Input IP3: +19 dBm
   LO / RF Isolation: 25 to 40 dB
   Passive: No DC Bias Required
   Leadless SMT Package, 25mm2

Typical Applications
The HMC292LM3C is ideal for:
• Microwave Point to Point Radios
• Multi-Point/LMDS Radios
• SATCOM




Similar Part No. - HMC292LM3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC292LM3C HITTITE-HMC292LM3C Datasheet
323Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 17 - 31 GHz
HMC292LM3C HITTITE-HMC292LM3C_06 Datasheet
323Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 17 - 31 GHz
More results


Similar Description - HMC292LM3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC13MS8 HITTITE-HMC13MS8 Datasheet
192Kb / 6P
GaAs MMIC SMT DOUBLE BALANCED MIXER, 1.5 - 4.5 GHz
HMC141LH5 HITTITE-HMC141LH5 Datasheet
280Kb / 6P
GaAs MMIC SMT DOUBLE BALANCED MIXER, 7 - 14 GHz
HMC213MS8 HITTITE-HMC213MS8 Datasheet
246Kb / 6P
GaAs MMIC SMT DOUBLE BALANCED MIXER, 1.5 - 4.5 GHz
HMC292LM3C HITTITE-HMC292LM3C_06 Datasheet
323Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 17 - 31 GHz
HMC329LM3 HITTITE-HMC329LM3_06 Datasheet
345Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
HMC128G8 HITTITE-HMC128G8_08 Datasheet
174Kb / 4P
GaAs MMIC SMT DOUBLE - BALANCED MIXER, 1.8 - 5 GHz
HMC141C8 HITTITE-HMC141C8_08 Datasheet
260Kb / 4P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 6 - 15 GHz
HMC168C8 HITTITE-HMC168C8_08 Datasheet
221Kb / 4P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 4.5 - 8 GHz
HMC170C8 HITTITE-HMC170C8_08 Datasheet
229Kb / 4P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 2.5 - 4 GHz
HMC218AMS8E HITTITE-HMC218AMS8E Datasheet
657Kb / 6P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 4.5 - 6 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com