Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC300LM1 Datasheet (PDF) - Hittite Microwave Corporation

HMC300LM1 Datasheet PDF - Hittite Microwave Corporation
Part # HMC300LM1
Download  HMC300LM1 Download
File Size   282.78 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 25.5 - 33.5 GHz

HMC300LM1 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC300LM1 Datasheet PDF - Hittite Microwave Corporation

Part # HMC300LM1
Download  HMC300LM1 Click to download

File Size   282.78 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 25.5 - 33.5 GHz

HMC300LM1 Datasheet (HTML) - Hittite Microwave Corporation


HMC300LM1 Product details

General Description
The HMC300LM1 is a broadband surface mount medium power amplifi er that operates between 25.5 and 33.5 GHz. A 0.25 um power pHEMT process is used to achieve effi cient gain and output power performance. High volume surface mount re-fl ow assembly techniques may be used to mount the amplifi er to the end user’s PCB. The LM1 package eliminates the need for wire bonding or die attach mounting. The amplifi er provides 15 dB of gain and +24 dBm of saturated output power across various microwave radio bands. This millimeter wave amplifi er requires no external RF matching components and minimal DC bypass components. The amplifi er operates from a +6V Vdd and a - 0.35V Vgg gate bias.

Features
   SMT mmWave Package
   Gain > 15 dB
   Broadband Performance
   Saturated Output Power: +24 dBm
   Positive Supply: +5V to +7V

Typical Applications
This amplifi er is ideal for use as a power amplifier
for 25.5 - 33.5 GHz applications:
• LMDS
• Microwave Radio




Similar Part No. - HMC300LM1

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC300LM1 HITTITE-HMC300LM1 Datasheet
361Kb / 8P
SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 25.5 - 33.5 GHz
HMC300LM1 HITTITE-HMC300LM1_01 Datasheet
361Kb / 8P
SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 25.5 - 33.5 GHz
HMC300LM1 HITTITE-HMC300LM1_05 Datasheet
942Kb / 8P
SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 25.5 - 33.5 GHz
More results


Similar Description - HMC300LM1

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC283LM1 HITTITE-HMC283LM1 Datasheet
367Kb / 8P
SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 17 - 40 GHz
HMC442 HITTITE-HMC442 Datasheet
233Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 25.5 GHz
HMC442LC3B HITTITE-HMC442LC3B Datasheet
336Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 25.5 GHz
HMC283LM1 HITTITE-HMC283LM1_01 Datasheet
312Kb / 8P
SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 17 - 40 GHz
HMC300LM1 HITTITE-HMC300LM1_01 Datasheet
361Kb / 8P
SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 25.5 - 33.5 GHz
HMC442 HITTITE-HMC442_09 Datasheet
241Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 25.5 GHz
HMC442LC3B HITTITE-HMC442LC3B_08 Datasheet
227Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 25.5 GHz
HMC906 HITTITE-HMC906 Datasheet
465Kb / 10P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER, 27.3 - 33.5 GHz
HMC283LM1 HITTITE-HMC283LM1_10 Datasheet
326Kb / 8P
SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 17 - 40 GHz
HMC300LM1 HITTITE-HMC300LM1_05 Datasheet
942Kb / 8P
SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 25.5 - 33.5 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com