Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC315 Datasheet (PDF) - Hittite Microwave Corporation

HMC315 Datasheet PDF - Hittite Microwave Corporation
Part # HMC315
Download  HMC315 Download
File Size   290.63 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs InGaP HBT MMIC DARLINGTON AMPLIFIER, DC - 7.0 GHz

HMC315 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC315 Datasheet PDF - Hittite Microwave Corporation

Part # HMC315
Download  HMC315 Click to download

File Size   290.63 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs InGaP HBT MMIC DARLINGTON AMPLIFIER, DC - 7.0 GHz

HMC315 Datasheet (HTML) - Hittite Microwave Corporation


HMC315 Product details

General Description
The HMC315 & HMC315E are ultra broadband GaAs InGaP Heterojunction Bipolar Transistor (HBT) MMIC amplifi ers that operate from a single positive supply. The surface mount SOT26 amplifi er can be used as a broadband gain stage, or used with external matching for optimized narrow band applications. The Darlington confi guration results in reduced sensitivity to normal process variations and provides a good 50- ohm input/output port match. The amplifi er provides 15 dB of gain and +17 dBm of saturated power while operating from a single positive +7V supply.

Features
   Saturated Output Power: +17 dBm
   utput IP3: +33 dBm
   Gain: 15 dB
   Single Supply: +5V to +7V
   Ultra Small Package: SOT26

Typical Applications
The HMC315 / HMC315E is ideal for:
• Fiber Optic OC-48 Systems
• Microwave Test Instrumentation
• Broadband Mobile Radio Platforms




Similar Part No. - HMC315

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC315 HITTITE-HMC315 Datasheet
358Kb / 6P
GaAs InGaP HBT MMIC DARLINGTON AMPLIFIER, DC - 7.0 GHz
HMC315E HITTITE-HMC315E Datasheet
358Kb / 6P
GaAs InGaP HBT MMIC DARLINGTON AMPLIFIER, DC - 7.0 GHz
HMC315 HITTITE-HMC315_05 Datasheet
358Kb / 6P
GaAs InGaP HBT MMIC DARLINGTON AMPLIFIER, DC - 7.0 GHz
HMC315 HITTITE-HMC315_10 Datasheet
241Kb / 6P
GaAs InGaP HBT MMIC DARLINGTON AMPLIFIER, DC - 7.0 GHz
More results


Similar Description - HMC315

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC407MS8G HITTITE-HMC407MS8G Datasheet
279Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 7.0 GHz
logo
List of Unclassifed Man...
SBA-5089 ETC-SBA-5089 Datasheet
681Kb / 5P
DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
Stanford Microdevices
NGA-486 STANFORD-NGA-486 Datasheet
271Kb / 4P
DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBA-4086 ETC1-SBA-4086 Datasheet
281Kb / 5P
DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBW-5089 SIRENZA-SBW-5089 Datasheet
463Kb / 7P
DC-8 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
NGA-486 SIRENZA-NGA-486 Datasheet
391Kb / 5P
DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
SBA-5089 SIRENZA-SBA-5089 Datasheet
309Kb / 5P
DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC407MS8G HITTITE-HMC407MS8G_07 Datasheet
309Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 7.0 GHz
HMC315 HITTITE-HMC315_05 Datasheet
358Kb / 6P
GaAs InGaP HBT MMIC DARLINGTON AMPLIFIER, DC - 7.0 GHz
HMC315 HITTITE-HMC315_10 Datasheet
241Kb / 6P
GaAs InGaP HBT MMIC DARLINGTON AMPLIFIER, DC - 7.0 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com