Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC329LM3 Datasheet (PDF) - Hittite Microwave Corporation

HMC329LM3 Datasheet PDF - Hittite Microwave Corporation
Part # HMC329LM3
Download  HMC329LM3 Download
File Size   282.23 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz

HMC329LM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC329LM3 Datasheet PDF - Hittite Microwave Corporation

Part # HMC329LM3
Download  HMC329LM3 Click to download

File Size   282.23 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz

HMC329LM3 Datasheet (HTML) - Hittite Microwave Corporation


HMC329LM3 Product details

General Description
The HMC329LM3 is a 26 - 40 GHz surface mount, passive, double-balanced MMIC mixer in a SMT leadless chip carrier package. The mixer can be used as a downconverter or upconverter. Excellent isolations are provided by on-chip baluns. The chip requires no external components and no DC bias. All data is with the non-hermetic, epoxy sealed LM3 package mounted in a 50 Ohm test fixture. Utilizing the HMC329LM3 eliminates the need for wirebonding, thereby providing a consistent connection interface for the customer.

Features
   Passive: No DC Bias Required
   Input IP3: +19 dBm
   LO/RF Isolation: 35 dB
   Leadless SMT Package, 25 mm2

Typical Applications
The HMC329LM3 is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• SATCOM
• RADAR




Similar Part No. - HMC329LM3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC329LM3 HITTITE-HMC329LM3 Datasheet
230Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
HMC329LM3 HITTITE-HMC329LM3 Datasheet
345Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
HMC329LM3 HITTITE-HMC329LM3_06 Datasheet
345Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
HMC329LM3 HITTITE-HMC329LM3_08 Datasheet
230Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
More results


Similar Description - HMC329LM3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC294 HITTITE-HMC294 Datasheet
174Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC329 HITTITE-HMC329 Datasheet
165Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC329 HITTITE-HMC329_07 Datasheet
206Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC329LM3 HITTITE-HMC329LM3_06 Datasheet
345Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
HMC294 HITTITE-HMC294_00 Datasheet
223Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC329 HITTITE-HMC329_09 Datasheet
212Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC329LM3 HITTITE-HMC329LM3_08 Datasheet
230Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
HMC294 HITTITE-HMC294_10 Datasheet
216Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
logo
Analog Devices
HMC260ALC3B AD-HMC260ALC3B Datasheet
273Kb / 16P
10 GHz to 26 GHz, GaAs, MMIC, Double Balanced Mixer
1/2018-Revision 0
HMC774A AD-HMC774A Datasheet
324Kb / 19P
7 GHz to 40 GHz, GaAs, MMIC, Double Balanced Mixer
5/2018-Revision 0
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com