Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC333 Datasheet (PDF) - Hittite Microwave Corporation

HMC333 Datasheet PDF - Hittite Microwave Corporation
Part # HMC333
Download  HMC333 Download
File Size   249.26 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz

HMC333 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC333 Datasheet PDF - Hittite Microwave Corporation

Part # HMC333
Download  HMC333 Click to download

File Size   249.26 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz

HMC333 Datasheet (HTML) - Hittite Microwave Corporation


HMC333 Product details

General Description
The HMC333 & HMC333E are single balanced mixer ICs with integrated LO amplifi ers. This converter IC can operate as an upconverter or downconverter between 3.0 GHz and 3.8 GHz. With the integrated LO amplifi er, the mixer requires an LO drive level of only 0 dBm, and requires only 7 mA from a single positive +3V rail. The mixer has 8.5 dB of conversion loss, an input P1dB of 0 dBm and an input third order intercept point of +10 dBm at 3.5 GHz.

Features
   Integrated LO Amplifi er w/ Pdiss: < 25 mW
   Conversion Loss / Noise Figure: 8.5 dB
   Low LO Drive Level: 0 dBm
   Input IP3: +10 dBm
   Single Positive Supply: 3V to 5V

Typical Applications
The HMC333 / HMC333E is ideal for:
• Wireless Local Loop




Similar Part No. - HMC333

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC333 HITTITE-HMC333 Datasheet
224Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz
HMC333 HITTITE-HMC333 Datasheet
224Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz
HMC333 HITTITE-HMC333 Datasheet
337Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz
HMC333E HITTITE-HMC333E Datasheet
224Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz
HMC333 HITTITE-HMC333_06 Datasheet
337Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz
More results


Similar Description - HMC333

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC423MS8 HITTITE-HMC423MS8 Datasheet
216Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC552LP4 HITTITE-HMC552LP4 Datasheet
300Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.6 - 3.0 GHz
HMC353MS8 HITTITE-HMC353MS8 Datasheet
242Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
HMC333 HITTITE-HMC333_06 Datasheet
337Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz
HMC615LP4 HITTITE-HMC615LP4 Datasheet
230Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC333 HITTITE-HMC333_08 Datasheet
224Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz
HMC423MS8 HITTITE-HMC423MS8_08 Datasheet
189Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.6 - 1.3 GHz
HMC552LP4 HITTITE-HMC552LP4_11 Datasheet
505Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.6 - 3.0 GHz
HMC615LP4 HITTITE-HMC615LP4_11 Datasheet
543Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC215LP4 HITTITE-HMC215LP4 Datasheet
254Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 4.0 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com