Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A12 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

A12 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # A12
Download  A12 Download
File Size   649.51 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 10 to 1000 MHz

A12 Datasheet (PDF)

Go To PDF Page Download Datasheet
A12 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # A12
Download  A12 Click to download

File Size   649.51 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 10 to 1000 MHz

A12 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


A12 Product details

Description
The A12 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. Both TO-8 and Surface Mount packages are Hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• LOW NOISE: 2.8 dB (TYP.)
• HIGH GAIN: 16.0 dB (TYP.)
• MEDIUM OUTPUT POWER: +8 dBm (TYP.)
• LOW VSWR:<1.6:1 (TYP.)




Similar Part No. - A12

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A12 MACOM-A12 Datasheet
113Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
logo
DB Lectro Inc
A12 DBLECTRO-A12 Datasheet
218Kb / 1P
DIP PLUG LOW PROFILE
logo
Tyco Electronics
A12 MACOM-A12 Datasheet
371Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
A12 MA-COM-A12 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1000 MHz
logo
Texas Instruments
A12 TI1-A12 Datasheet
1Mb / 30P
Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
More results


Similar Description - A12

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1031 MACOM-A1031 Datasheet
115Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A19-1 MACOM-A19-1 Datasheet
110Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A66-1 MACOM-A66-1 Datasheet
108Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A12 MACOM-A12_1 Datasheet
371Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A17 MACOM-A17_1 Datasheet
360Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A19-1 MACOM-A19-1_1 Datasheet
364Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A66-1 MACOM-A66-1_1 Datasheet
383Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A1031 MACOM-A1031_1 Datasheet
375Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
RA66 MA-COM-RA66 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1000 MHz
A66-1 MA-COM-A66-1_15 Datasheet
737Kb / 5P
Cascadable Amplifier 10 to 1000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com