Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC342 Datasheet (PDF) - Hittite Microwave Corporation

HMC342 Datasheet PDF - Hittite Microwave Corporation
Part # HMC342
Download  HMC342 Download
File Size   187.97 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz

HMC342 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC342 Datasheet PDF - Hittite Microwave Corporation

Part # HMC342
Download  HMC342 Click to download

File Size   187.97 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz

HMC342 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC342

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC342 HITTITE-HMC342 Datasheet
230Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
HMC342 HITTITE-HMC342 Datasheet
222Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
logo
Micross Components
HMC342 MICROSS-HMC342 Datasheet
876Kb / 9P
Millimeterwave Point-to-Point Radios
logo
Analog Devices
HMC342 AD-HMC342 Datasheet
308Kb / 6P
Microwave Point-to-Point Radios
logo
Hittite Microwave Corpo...
HMC342LC4 HITTITE-HMC342LC4 Datasheet
303Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
More results


Similar Description - HMC342

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC342LC4 HITTITE-HMC342LC4 Datasheet
303Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
HMC286 HITTITE-HMC286_06 Datasheet
238Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC320MS8G HITTITE-HMC320MS8G_07 Datasheet
261Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER , 5.0 - 6.0 GHz
HMC342 HITTITE-HMC342_07 Datasheet
222Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
HMC342 HITTITE-HMC342_10 Datasheet
230Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
HMC342LC4 HITTITE-HMC342LC4_09 Datasheet
220Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
logo
TriQuint Semiconductor
QPA2628D TRIQUINT-QPA2628D Datasheet
1Mb / 14P
25 ??31 GHz GaAs Low Noise Amplifier
logo
Broadcom Corporation.
MGA-86576 BOARDCOM-MGA-86576 Datasheet
121Kb / 6P
1.5?? GHz Low Noise GaAs MMIC Amplifier
logo
Qorvo, Inc
QPA2735 QORVO-QPA2735 Datasheet
1Mb / 15P
13 ??20 GHz GaAs Low Noise Amplifier
QPA2628D QORVO-QPA2628D Datasheet
1,001Kb / 14P
25 ??31 GHz GaAs Low Noise Amplifier
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com