Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC346G8 Datasheet (PDF) - Hittite Microwave Corporation

HMC346G8 Datasheet PDF - Hittite Microwave Corporation
Part # HMC346G8
Download  HMC346G8 Download
File Size   273.61 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC HERMETIC SMT VOLTAGEVARIABLE ATTENUATOR, DC - 8 GHz

HMC346G8 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC346G8 Datasheet PDF - Hittite Microwave Corporation

Part # HMC346G8
Download  HMC346G8 Click to download

File Size   273.61 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC HERMETIC SMT VOLTAGEVARIABLE ATTENUATOR, DC - 8 GHz

HMC346G8 Datasheet (HTML) - Hittite Microwave Corporation


HMC346G8 Product details

General Description

The HMC346G8 is an absorptive Voltage Variable Attenuator (VVA) in an 8 lead glass / metal (her metic) surface-mount package operating from DC - 8 GHz. It features an on-chip reference attenuator for use with an external op-amp to provide simple single voltage attenuation control, 0 to -3V. The device is ideal in designs where an analog DC control signal must control RF signal levels over a 30 dB amplitude range. Applications include AGC circuits and temperature compensation of multiple gain stages in microwave radios and test instrumentation.



Features

 Wide Bandwidth: DC - 8 GHz

 Low Phase Shift vs. Attenuation

 30 dB Attenuation Range

 8 Lead Hermetic SMT Package



Typical Applications

The HMC346G8 is ideal for:

• Basestation Infrastructure

• Fiber Optics & Broadband Telecom

• Microwave Radio & VSAT

• Military Radios, Radar, & ECM

• Test Instrumentation



 




Similar Part No. - HMC346G8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC346G8 HITTITE-HMC346G8 Datasheet
226Kb / 6P
GaAs MMIC HERMETIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC346G8 HITTITE-HMC346G8 Datasheet
320Kb / 6P
GaAs MMIC HERMETIC SMT VOLTAGEVARIABLE ATTENUATOR, DC - 8 GHz
HMC346G8 HITTITE-HMC346G8_06 Datasheet
320Kb / 6P
GaAs MMIC HERMETIC SMT VOLTAGEVARIABLE ATTENUATOR, DC - 8 GHz
HMC346G8 HITTITE-HMC346G8_08 Datasheet
226Kb / 6P
GaAs MMIC HERMETIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
More results


Similar Description - HMC346G8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC346C8 HITTITE-HMC346C8 Datasheet
282Kb / 6P
GaAs MMIC SMT VOLTAGEVARIABLE ATTENUATOR, DC - 8 GHz
HMC121G8 HITTITE-HMC121G8 Datasheet
105Kb / 6P
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR DC - 8 GHz
HMC346G8 HITTITE-HMC346G8_06 Datasheet
320Kb / 6P
GaAs MMIC HERMETIC SMT VOLTAGEVARIABLE ATTENUATOR, DC - 8 GHz
HMC346MS8G HITTITE-HMC346MS8G_07 Datasheet
316Kb / 6P
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC121G8 HITTITE-HMC121G8_01 Datasheet
132Kb / 4P
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC346C8 HITTITE-HMC346C8_08 Datasheet
256Kb / 6P
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC346G8 HITTITE-HMC346G8_08 Datasheet
226Kb / 6P
GaAs MMIC HERMETIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC346MS8G HITTITE-HMC346MS8G_08 Datasheet
240Kb / 6P
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC347G8 HITTITE-HMC347G8_08 Datasheet
162Kb / 6P
GaAs MMIC HERMETIC SMT SPDT SWITCH, DC - 8 GHz
logo
Analog Devices
HMC346AMS8G AD-HMC346AMS8G Datasheet
898Kb / 4P
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com