Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC349LP4C Datasheet (PDF) - Hittite Microwave Corporation

HMC349LP4C Datasheet PDF - Hittite Microwave Corporation
Part # HMC349LP4C
Download  HMC349LP4C Download
File Size   213.91 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz

HMC349LP4C Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC349LP4C Datasheet PDF - Hittite Microwave Corporation

Part # HMC349LP4C
Download  HMC349LP4C Click to download

File Size   213.91 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz

HMC349LP4C Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC349LP4C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC349LP4C HITTITE-HMC349LP4C Datasheet
204Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
HMC349LP4C HITTITE-HMC349LP4C Datasheet
204Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
HMC349LP4C HITTITE-HMC349LP4C Datasheet
278Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC349LP4CE HITTITE-HMC349LP4CE Datasheet
204Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
HMC349LP4C HITTITE-HMC349LP4C_06 Datasheet
278Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
More results


Similar Description - HMC349LP4C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC349MS8G HITTITE-HMC349MS8G Datasheet
210Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC435MS8G HITTITE-HMC435MS8G Datasheet
189Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC349LP4C HITTITE-HMC349LP4C_06 Datasheet
278Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC349MS8G HITTITE-HMC349MS8G_07 Datasheet
260Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC435MS8G HITTITE-HMC435MS8G_07 Datasheet
210Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC849LP4CE HITTITE-HMC849LP4CE Datasheet
204Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
HMC849LP4CE HITTITE-HMC849LP4CE_1 Datasheet
243Kb / 8P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
HMC349LP4C HITTITE-HMC349LP4C_08 Datasheet
204Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
HMC349MS8G HITTITE-HMC349MS8G_08 Datasheet
219Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
HMC849LP4CE HITTITE-HMC849LP4CE_11 Datasheet
497Kb / 8P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com