Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC361S8G Datasheet (PDF) - Hittite Microwave Corporation

HMC361S8G Datasheet PDF - Hittite Microwave Corporation
Part # HMC361S8G
Download  HMC361S8G Download
File Size   256.06 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz

HMC361S8G Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC361S8G Datasheet PDF - Hittite Microwave Corporation

Part # HMC361S8G
Download  HMC361S8G Click to download

File Size   256.06 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz

HMC361S8G Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC361S8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC361S8G HITTITE-HMC361S8G Datasheet
646Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10 GHz
HMC361S8G HITTITE-HMC361S8G Datasheet
358Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
logo
Analog Devices
HMC361S8G AD-HMC361S8G Datasheet
385Kb / 6P
Satellite communication systems
logo
Hittite Microwave Corpo...
HMC361S8GE HITTITE-HMC361S8GE Datasheet
646Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10 GHz
logo
Analog Devices
HMC361S8GE AD-HMC361S8GE Datasheet
385Kb / 6P
Satellite communication systems
More results


Similar Description - HMC361S8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC364G8 HITTITE-HMC364G8 Datasheet
270Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13.0 GHz
HMC432 HITTITE-HMC432 Datasheet
226Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 8.0 GHz
HMC492LP3 HITTITE-HMC492LP3 Datasheet
256Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 18 GHz
HMC361S8G HITTITE-HMC361S8G_06 Datasheet
358Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
HMC364S8G HITTITE-HMC364S8G_06 Datasheet
360Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 12.5 GHz
HMC364G8 HITTITE-HMC364G8_08 Datasheet
216Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13 GHz
HMC364S8G HITTITE-HMC364S8G_09 Datasheet
252Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 12.5 GHz
HMC361S8G HITTITE-HMC361S8G_08 Datasheet
646Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10 GHz
HMC432 HITTITE-HMC432_10 Datasheet
230Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 8 GHz
logo
Analog Devices
HMC492LP3 AD-HMC492LP3 Datasheet
344Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 18 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com