Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC363S8G Datasheet (PDF) - Hittite Microwave Corporation

HMC363S8G Datasheet PDF - Hittite Microwave Corporation
Part # HMC363S8G
Download  HMC363S8G Download
File Size   261.07 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz

HMC363S8G Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC363S8G Datasheet PDF - Hittite Microwave Corporation

Part # HMC363S8G
Download  HMC363S8G Click to download

File Size   261.07 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz

HMC363S8G Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC363S8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC363S8G HITTITE-HMC363S8G Datasheet
233Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC363S8G HITTITE-HMC363S8G Datasheet
358Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz
logo
Analog Devices
HMC363S8G AD-HMC363S8G Datasheet
540Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
logo
Hittite Microwave Corpo...
HMC363S8GE HITTITE-HMC363S8GE Datasheet
233Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
logo
Analog Devices
HMC363S8GE AD-HMC363S8GE Datasheet
540Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
More results


Similar Description - HMC363S8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC362S8G HITTITE-HMC362S8G Datasheet
258Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 12.0 GHz
HMC363 HITTITE-HMC363 Datasheet
188Kb / 6P
GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz
HMC363G8 HITTITE-HMC363G8 Datasheet
277Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz
HMC362S8G HITTITE-HMC362S8G_06 Datasheet
362Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 12.0 GHz
HMC363G8 HITTITE-HMC363G8_07 Datasheet
278Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC363S8G HITTITE-HMC363S8G_06 Datasheet
358Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz
HMC363G8 HITTITE-HMC363G8_08 Datasheet
210Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC432 HITTITE-HMC432_10 Datasheet
230Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 8 GHz
HMC434 HITTITE-HMC434_10 Datasheet
231Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 8 GHz
logo
Analog Devices
HMC363G8 AD-HMC363G8 Datasheet
324Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com