Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC442LM1 Datasheet (PDF) - Hittite Microwave Corporation

HMC442LM1 Datasheet PDF - Hittite Microwave Corporation
Part # HMC442LM1
Download  HMC442LM1 Download
File Size   319.85 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 24 GHz

HMC442LM1 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC442LM1 Datasheet PDF - Hittite Microwave Corporation

Part # HMC442LM1
Download  HMC442LM1 Click to download

File Size   319.85 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 24 GHz

HMC442LM1 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC442LM1

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC442LM1 HITTITE-HMC442LM1 Datasheet
273Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 24.0 GHz
HMC442LM1 HITTITE-HMC442LM1 Datasheet
349Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 24.0 GHz
HMC442LM1 HITTITE-HMC442LM1 Datasheet
755Kb / 18P
ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC442LM1 AD-HMC442LM1 Datasheet
412Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC442LM1 AD-HMC442LM1 Datasheet
1Mb / 22P
Active Bias Controller High Current
More results


Similar Description - HMC442LM1

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC442 HITTITE-HMC442 Datasheet
233Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 25.5 GHz
HMC498 HITTITE-HMC498 Datasheet
210Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, 17 - 24 GHz
HMC442LC3B HITTITE-HMC442LC3B Datasheet
336Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 25.5 GHz
HMC442LM1 HITTITE-HMC442LM1_07 Datasheet
349Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 24.0 GHz
HMC442 HITTITE-HMC442_09 Datasheet
241Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 25.5 GHz
HMC442LC3B HITTITE-HMC442LC3B_08 Datasheet
227Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 25.5 GHz
HMC442LM1 HITTITE-HMC442LM1_09 Datasheet
273Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 24.0 GHz
HMC498 HITTITE-HMC498_10 Datasheet
259Kb / 6P
GaAs pHEMT MMIC POWER AMPLIFIER, 17 - 24 GHz
HMC498LC4 HITTITE-HMC498LC4_09 Datasheet
231Kb / 6P
GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
logo
Analog Devices
HMC498LC4 AD-HMC498LC4 Datasheet
287Kb / 6P
GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com