Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC455LP3 Datasheet (PDF) - Hittite Microwave Corporation

HMC455LP3 Datasheet PDF - Hittite Microwave Corporation
Part # HMC455LP3
Download  HMC455LP3 Download
File Size   313.23 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description InGaP HBT 1/2 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz

HMC455LP3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC455LP3 Datasheet PDF - Hittite Microwave Corporation

Part # HMC455LP3
Download  HMC455LP3 Click to download

File Size   313.23 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description InGaP HBT 1/2 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz

HMC455LP3 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC455LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC455LP3 HITTITE-HMC455LP3 Datasheet
262Kb / 6P
InGaP HBT 쩍 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC455LP3 HITTITE-HMC455LP3 Datasheet
384Kb / 8P
InGaP HBT 쩍 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
logo
Analog Devices
HMC455LP3 AD-HMC455LP3 Datasheet
372Kb / 6P
InGaP HBT Watt High IP3 AMPLIFIER
logo
Hittite Microwave Corpo...
HMC455LP3E HITTITE-HMC455LP3E Datasheet
262Kb / 6P
InGaP HBT 쩍 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
logo
Analog Devices
HMC455LP3E AD-HMC455LP3E Datasheet
372Kb / 6P
InGaP HBT Watt High IP3 AMPLIFIER
More results


Similar Description - HMC455LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC454ST89 HITTITE-HMC454ST89 Datasheet
400Kb / 14P
InGaP HBT 1/2 WATT HIGH IP3 AMPLIFIER, 0.4 - 2.5 GHz
HMC461LP3 HITTITE-HMC461LP3 Datasheet
362Kb / 8P
InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
HMC457QS16G HITTITE-HMC457QS16G Datasheet
355Kb / 10P
InGaP HBT 1 WATT POWER AMPLIFIER, 1.7 - 2.2 GHz
HMC461LP3 HITTITE-HMC461LP3_06 Datasheet
434Kb / 8P
InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
HMC455LP3 HITTITE-HMC455LP3_06 Datasheet
384Kb / 8P
InGaP HBT 쩍 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC454ST89 HITTITE-HMC454ST89_07 Datasheet
405Kb / 12P
InGaP HBT 쩍 WATT HIGH IP3 AMPLIFIER, 0.4 - 2.5 GHz
HMC454ST89 HITTITE-HMC454ST89_10 Datasheet
415Kb / 12P
InGaP HBT 쩍 WATT HIGH IP3 AMPLIFIER, 0.4 - 2.5 GHz
HMC455LP3 HITTITE-HMC455LP3_09 Datasheet
262Kb / 6P
InGaP HBT 쩍 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC461LP3 HITTITE-HMC461LP3_09 Datasheet
332Kb / 8P
InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
logo
Analog Devices
HMC461LP3 AD-HMC461LP3 Datasheet
474Kb / 8P
InGaP HBT 1 Watt High IP3 AMPLIFIER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com