Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC460 Datasheet (PDF) - Hittite Microwave Corporation

HMC460 Datasheet PDF - Hittite Microwave Corporation
Part # HMC460
Download  HMC460 Download
File Size   285.2 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz

HMC460 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC460 Datasheet PDF - Hittite Microwave Corporation

Part # HMC460
Download  HMC460 Click to download

File Size   285.2 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz

HMC460 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC460

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC460 HITTITE-HMC460 Datasheet
655Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20 GHz
HMC460 HITTITE-HMC460 Datasheet
400Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz
HMC460 HITTITE-HMC460 Datasheet
755Kb / 18P
ACTIVE BIAS CONTROLLER
logo
Micross Components
HMC460 MICROSS-HMC460 Datasheet
990Kb / 11P
Telecom Infrastructure
logo
Analog Devices
HMC460 AD-HMC460 Datasheet
506Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
More results


Similar Description - HMC460

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC462 HITTITE-HMC462 Datasheet
193Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.0 - 20.0 GHz
HMC462LP5 HITTITE-HMC462LP5 Datasheet
289Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.0 - 20.0 GHz
HMC463 HITTITE-HMC463 Datasheet
279Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz
HMC463LP5 HITTITE-HMC463LP5 Datasheet
354Kb / 6P
GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2.0 - 20.0 GHz
HMC465 HITTITE-HMC465 Datasheet
292Kb / 8P
GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20.0 GHz
HMC465LP5 HITTITE-HMC465LP5 Datasheet
326Kb / 8P
GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20.0 GHz
HMC559 HITTITE-HMC559 Datasheet
404Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20.0 GHz
HMC460LC5 HITTITE-HMC460LC5 Datasheet
271Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20 GHz
HMC460 HITTITE-HMC460_06 Datasheet
400Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz
HMC460LC5 HITTITE-HMC460LC5_10 Datasheet
1,014Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, DC - 20 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com