Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC480ST89 Datasheet (PDF) - Hittite Microwave Corporation

HMC480ST89 Datasheet PDF - Hittite Microwave Corporation
Part # HMC480ST89
Download  HMC480ST89 Download
File Size   226.69 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz

HMC480ST89 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC480ST89 Datasheet PDF - Hittite Microwave Corporation

Part # HMC480ST89
Download  HMC480ST89 Click to download

File Size   226.69 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz

HMC480ST89 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC480ST89

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC480ST89 HITTITE-HMC480ST89 Datasheet
235Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
logo
Analog Devices
HMC480ST89 AD-HMC480ST89 Datasheet
297Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER
logo
Hittite Microwave Corpo...
HMC480ST89E HITTITE-HMC480ST89E Datasheet
235Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
logo
Analog Devices
HMC480ST89E AD-HMC480ST89E Datasheet
297Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER
logo
Hittite Microwave Corpo...
HMC480ST89 HITTITE-HMC480ST89_10 Datasheet
235Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
More results


Similar Description - HMC480ST89

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC311LP3 HITTITE-HMC311LP3 Datasheet
264Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
HMC396 HITTITE-HMC396 Datasheet
215Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8.0 GHz
HMC475ST89 HITTITE-HMC475ST89 Datasheet
271Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4.5 GHz
HMC580ST89 HITTITE-HMC580ST89 Datasheet
272Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 1.0 GHz
HMC589ST89 HITTITE-HMC589ST89 Datasheet
618Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC311LP3 HITTITE-HMC311LP3_07 Datasheet
227Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC396 HITTITE-HMC396_07 Datasheet
199Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
HMC405 HITTITE-HMC405_07 Datasheet
197Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
HMC396 HITTITE-HMC396_09 Datasheet
183Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
HMC589ST89 HITTITE-HMC589ST89_10 Datasheet
212Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com