Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC129G8 Datasheet (PDF) - Hittite Microwave Corporation

HMC129G8 Datasheet PDF - Hittite Microwave Corporation
Part # HMC129G8
Download  HMC129G8 Download
File Size   122.01 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SMT DOUBLEBALANCED MIXER, 4 - 8 GHz

HMC129G8 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC129G8 Datasheet PDF - Hittite Microwave Corporation

Part # HMC129G8
Download  HMC129G8 Click to download

File Size   122.01 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SMT DOUBLEBALANCED MIXER, 4 - 8 GHz

HMC129G8 Datasheet (HTML) - Hittite Microwave Corporation


HMC129G8 Product details

General Description
The HMC129G8 is a miniature double-balanced mixer in a hermetic surface mount package that can be used as an upconverter or downconverter. The device is a passive diode/balun type mixer with high dynamic range. Noise f gure is essentially equal to the conversion loss. The mixer can handle larger signal levels than most active mixers due to the high third order intercept. MMIC implementation provides exceptional balance in the circuit resulting in high LO/RF and LO/IF isolations.

Features
    Conversion Loss: 8 dB
    LO to RF and IF Isolation: 30 dB
    Small Size, No DC Bias Required

Typical Applications
The HMC129G8 is ideal for:
• UNII & HiperLAN
• Military & Space
• Test Equipment




Similar Part No. - HMC129G8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC129G8 HITTITE-HMC129G8 Datasheet
186Kb / 4P
GaAs MMIC SMT DOUBLE - BALANCED MIXER, 4 - 8 GHz
HMC129G8 HITTITE-HMC129G8_08 Datasheet
186Kb / 4P
GaAs MMIC SMT DOUBLE - BALANCED MIXER, 4 - 8 GHz
More results


Similar Description - HMC129G8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC142C8 HITTITE-HMC142C8 Datasheet
143Kb / 4P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 6 - 15 GHz
HMC168C8 HITTITE-HMC168C8 Datasheet
117Kb / 3P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 8 GHz
HMC170C8 HITTITE-HMC170C8 Datasheet
137Kb / 4P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 2.5 - 4 GHz
HMC218MS8 HITTITE-HMC218MS8 Datasheet
183Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz
HMC128G8 HITTITE-HMC128G8 Datasheet
117Kb / 4P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.8 - 5 GHz
HMC141C8 HITTITE-HMC141C8_06 Datasheet
187Kb / 4P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 6 - 15 GHz
HMC168C8 HITTITE-HMC168C8_06 Datasheet
174Kb / 4P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 8 GHz
HMC170C8 HITTITE-HMC170C8_06 Datasheet
180Kb / 4P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 2.5 - 4 GHz
HMC171C8 HITTITE-HMC171C8_06 Datasheet
174Kb / 4P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 7 - 10 GHz
HMC208AMS8 HITTITE-HMC208AMS8 Datasheet
639Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com