Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EWS15 Datasheet (PDF) - DENSEI-LAMBDA

EWS15 Datasheet PDF - DENSEI-LAMBDA
Part # EWS15
Download  EWS15 Download
File Size   370.42 Kbytes
Page   4 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description Single output 15W ~ 1500W

EWS15 Datasheet (PDF)

Go To PDF Page Download Datasheet
EWS15 Datasheet PDF - DENSEI-LAMBDA

Part # EWS15
Download  EWS15 Click to download

File Size   370.42 Kbytes
Page   4 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description Single output 15W ~ 1500W

EWS15 Datasheet (HTML) - DENSEI-LAMBDA


EWS15 Product details

Features
● marking (Low Voltage Directive)
● 74 models, 15 ~ 1500W
● Wide input voltage range
    EWS15, 25, 50: 85 ~ 265VAC universal input
    EWS100, 150, 300, 600: 100/200VAC auto-selectable
    EWS1500: 100/200VAC user-selectable
● Wide output voltage range: 520% (EWS300, 600, 1500)
● Output voltage programmable (EWS1500):  0V to nominal output voltage by external control
● 3 year warranty




Similar Part No. - EWS15

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
EWS1500T LAMBDA-EWS1500T Datasheet
164Kb / 2P
Single output 1500W ~ 5000W?
EWS1500T-10 LAMBDA-EWS1500T-10 Datasheet
164Kb / 2P
Single output 1500W ~ 5000W?
EWS1500T-12 LAMBDA-EWS1500T-12 Datasheet
164Kb / 2P
Single output 1500W ~ 5000W?
EWS1500T-15 LAMBDA-EWS1500T-15 Datasheet
164Kb / 2P
Single output 1500W ~ 5000W?
EWS1500T-2 LAMBDA-EWS1500T-2 Datasheet
164Kb / 2P
Single output 1500W ~ 5000W?
More results


Similar Description - EWS15

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
EWS1500T LAMBDA-EWS1500T Datasheet
164Kb / 2P
Single output 1500W ~ 5000W?
logo
Astrodyne Corporation
RSP-1500 ASTRODYNE-RSP-1500 Datasheet
366Kb / 4P
1500W Single Output Power Supply
logo
RSG Electronic Componen...
RSP-1500 RSG-RSP-1500 Datasheet
168Kb / 4P
1500W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-1500 MEANWELL-SE-1500_09 Datasheet
305Kb / 3P
1500W Single Output Power Supply
SPV-1500 MEANWELL-SPV-1500_10 Datasheet
325Kb / 4P
1500W Single Output Power Supply
SPV-1500 MEANWELL-SPV-1500_11 Datasheet
334Kb / 4P
1500W Single Output Power Supply
SE-1500 MEANWELL-SE-1500_11 Datasheet
305Kb / 3P
1500W Single Output Power Supply
logo
Astrodyne Corporation
RSP1500 ASTRODYNE-RSP1500 Datasheet
304Kb / 5P
1500W Single Output Power Supply
logo
COTEK ELECTRONIC IND. C...
AE-1500 COTEK-AE-1500 Datasheet
1Mb / 7P
1500W Programmable Single Output
23/05/18
AE-1500FET COTEK-AE-1500FET Datasheet
1Mb / 8P
1500W Programmable Single Output
23/05/18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com