Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JWS50 Datasheet (PDF) - DENSEI-LAMBDA

JWS50 Datasheet PDF - DENSEI-LAMBDA
Part # JWS50
Download  JWS50 Download
File Size   349.11 Kbytes
Page   5 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description Single output 50W ~ 600W???

JWS50 Datasheet (PDF)

Go To PDF Page Download Datasheet
JWS50 Datasheet PDF - DENSEI-LAMBDA

Part # JWS50
Download  JWS50 Click to download

File Size   349.11 Kbytes
Page   5 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description Single output 50W ~ 600W???

JWS50 Datasheet (HTML) - DENSEI-LAMBDA


JWS50 Product details

Features

• marking (Low Voltage Directive)

• Wide input voltage range: Universal input 85 ~ 265VAC

• PFHC (EN61000-3-2)

• EMI (EN55011-B, EN55022-B, VCCI-B, FCC-B)

• EMC (EN61000-4-2, -3, -4, -5, -6)

• 5 year warranty



 




Similar Part No. - JWS50

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
JWS50-12A TDK-JWS50-12A Datasheet
183Kb / 2P
Single Output Industrial Power Supplies
JWS50-15A TDK-JWS50-15A Datasheet
183Kb / 2P
Single Output Industrial Power Supplies
JWS50-24A TDK-JWS50-24A Datasheet
183Kb / 2P
Single Output Industrial Power Supplies
JWS50-28A TDK-JWS50-28A Datasheet
183Kb / 2P
Single Output Industrial Power Supplies
JWS50-3A TDK-JWS50-3A Datasheet
183Kb / 2P
Single Output Industrial Power Supplies
More results


Similar Description - JWS50

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
ZWS100AF LAMBDA-ZWS100AF Datasheet
1Mb / 19P
Single output 50W ~ 150W
logo
Total Power Internation...
SE-600 TOTAL-POWER-SE-600 Datasheet
315Kb / 2P
600W Single Output Power Supply
logo
DENSEI-LAMBDA
ZWS-AF LAMBDA-ZWS-AF Datasheet
1Mb / 19P
Single output 50W ~ 150W
logo
Mean Well Enterprises C...
SE-600 MEANWELL-SE-600 Datasheet
252Kb / 2P
600W Single Output Power Supply
PB-600 MEANWELL-PB-600 Datasheet
442Kb / 5P
600W Single Output Battery Charger
SE-600 MEANWELL-SE-600_09 Datasheet
254Kb / 2P
600W Single Output Power Supply
SE-600 MEANWELL-SE-600_11 Datasheet
255Kb / 2P
600W Single Output Power Supply
PB-600 MEANWELL-PB-600_11 Datasheet
441Kb / 5P
600W Single Output Battery Charger
logo
Total Power Internation...
SE-600 TOTAL-POWER-SE-600_17 Datasheet
320Kb / 2P
600W Single Output Power Supply
logo
Mean Well Enterprises C...
HEP-600C MEANWELL-HEP-600C Datasheet
114Kb / 4P
600W Single Output Battery Charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com