Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JWT75 Datasheet (PDF) - DENSEI-LAMBDA

JWT75 Datasheet PDF - DENSEI-LAMBDA
Part # JWT75
Download  JWT75 Download
File Size   425.71 Kbytes
Page   3 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description Triple output 75 ~ 100W

JWT75 Datasheet (PDF)

Go To PDF Page Download Datasheet
JWT75 Datasheet PDF - DENSEI-LAMBDA

Part # JWT75
Download  JWT75 Click to download

File Size   425.71 Kbytes
Page   3 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description Triple output 75 ~ 100W

JWT75 Datasheet (HTML) - DENSEI-LAMBDA


JWT75 Product details

Features
• CE marking
  Meet to Low Voltage Directive: Approved by EN60950
• Machinery Directive (Approved by VDE0160)
• Power Factor & Harmonic Correction (Built to meet EN61000-3-2)
• Universal Input (85 ~ 265VAC)
• EMI (Built to meet EN55011-B,EN55022-B,VCCI-B,FCC-B)
• Remote ON/OFF control (Optional model)




Similar Part No. - JWT75

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
JWT75-522 TDK-JWT75-522 Datasheet
1Mb / 10P
Triple Output 75W, 100W
JWT75-522-A TDK-JWT75-522-A Datasheet
205Kb / 2P
AC-DC Power Supplies
JWT75-522-B TDK-JWT75-522-B Datasheet
205Kb / 2P
AC-DC Power Supplies
JWT75-522-C TDK-JWT75-522-C Datasheet
205Kb / 2P
AC-DC Power Supplies
JWT75-522-R TDK-JWT75-522-R Datasheet
205Kb / 2P
AC-DC Power Supplies
More results


Similar Description - JWT75

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
SWT30 LAMBDA-SWT30 Datasheet
150Kb / 2P
Triple output 30W ~ 100W
logo
Astrodyne Corporation
TP-100 ASTRODYNE-TP-100 Datasheet
350Kb / 2P
100W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-100 MEANWELL-TP-100 Datasheet
322Kb / 2P
100W Triple Output with PFC Function
logo
RSG Electronic Componen...
TP-100 RSG-TP-100 Datasheet
143Kb / 2P
100W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-100 MEANWELL-TP-100_10 Datasheet
331Kb / 2P
100W Triple Output with PFC Function
logo
SL Power Electronics
FLU3-100 SLPOWER-FLU3-100 Datasheet
484Kb / 4P
100W TRIPLE OUTPUT SWITCHING POWER SUPPLIES
logo
MicroPower Direct, LLC
LDC-100 MPD-LDC-100 Datasheet
1Mb / 4P
100W Output Power
logo
Astrodyne Corporation
TP100 ASTRODYNE-TP100 Datasheet
303Kb / 4P
100W Triple Output with PFC Function
logo
Astec America, Inc
ALH25 ASTEC-ALH25 Datasheet
679Kb / 2P
100W Output loadsharing
logo
TDK Electronics
JWT75-522 TDK-JWT75-522 Datasheet
1Mb / 10P
Triple Output 75W, 100W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com