Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1206 Datasheet (PDF) - DENSEI-LAMBDA

MF1206 Datasheet PDF - DENSEI-LAMBDA
Part # MF1206
Download  MF1206 Download
File Size   181.08 Kbytes
Page   3 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description Band wide:150kHz ~ 30MHz, 2 stage filter?

MF1206 Datasheet (PDF)

Go To PDF Page Download Datasheet
MF1206 Datasheet PDF - DENSEI-LAMBDA

Part # MF1206
Download  MF1206 Click to download

File Size   181.08 Kbytes
Page   3 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description Band wide:150kHz ~ 30MHz, 2 stage filter?

MF1206 Datasheet (HTML) - DENSEI-LAMBDA


MF1206 Product details

Features
(1) Wide band: High attenuation.
    Band wide: 150kHz ~ 30MHz, 2 stage filter
(2) Fast-on Terminals
(3) Compact, thin type package
    Low profile metal case
    10A type: 26mm




Similar Part No. - MF1206

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
MF1206 EFC-MF1206 Datasheet
44Kb / 5P
POLYPROPYLENE SNUBBER
MF1206DFR EFC-MF1206DFR Datasheet
14Kb / 1P
Polypropylene and Foil Capacitors
MF1206DFR-3 EFC-MF1206DFR-3 Datasheet
14Kb / 1P
Polypropylene and Foil Capacitors
MF1206EFR EFC-MF1206EFR Datasheet
16Kb / 1P
Snubber Capacitors Polypropylene
MF1206EFR-3-0.01-1-1.6K-1 EFC-MF1206EFR-3-0.01-1-1.6K-1 Datasheet
44Kb / 5P
POLYPROPYLENE SNUBBER
More results


Similar Description - MF1206

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC5212 MITSUBISHI-MGFC5212 Datasheet
33Kb / 4P
K-Band 2-Stage Power Amplifier
MGFC5213 MITSUBISHI-MGFC5213 Datasheet
28Kb / 4P
K-Band 2-Stage Power Amplifier
MGFC5218 MITSUBISHI-MGFC5218 Datasheet
22Kb / 3P
K-Band 2-Stage Power Amplifier
logo
DENSEI-LAMBDA
MB1206 LAMBDA-MB1206 Datasheet
256Kb / 4P
Band wide:150kHz ~ 30MHz, 2 stage filter
MXB-1206 LAMBDA-MXB-1206 Datasheet
240Kb / 4P
Wide band, High attenuation by 2-stage choke coil
logo
Johanson Technology Inc...
3600BP15M600 JOHANSON-3600BP15M600_09 Datasheet
120Kb / 2P
3.6 GHz Wide Band Band Pass Filter
logo
Schurter Inc.
FMBB SCHURTER-FMBB Datasheet
467Kb / 3P
AC Filter 2-Stage, Broad Band Attenuation
FMW-52 SCHURTER-FMW-52 Datasheet
412Kb / 2P
AC Filter 2-Stage
FMBBNEO SCHURTER-FMBBNEO Datasheet
1Mb / 12P
AC Filter 2-Stage, Broad Band Attenuation
FMBBRAIL SCHURTER-FMBBRAIL Datasheet
454Kb / 4P
AC Filter 2-Stage, DIN Rail Mounting, Very Broad Band Attenuation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com