Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NES120-24 Datasheet (PDF) - DENSEI-LAMBDA

NES120-24 Datasheet PDF - DENSEI-LAMBDA
Part # NES120-24
Download  NES120-24 Download
File Size   674.52 Kbytes
Page   3 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description DIN rail mountable type 30 ~ 240W

NES120-24 Datasheet (PDF)

Go To PDF Page Download Datasheet
NES120-24 Datasheet PDF - DENSEI-LAMBDA

Part # NES120-24
Download  NES120-24 Click to download

File Size   674.52 Kbytes
Page   3 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description DIN rail mountable type 30 ~ 240W

NES120-24 Datasheet (HTML) - DENSEI-LAMBDA


NES120-24 Product details

Features
● DIN rail standard mounting: EN50022-35x7.5 or 35x15
● Universal input: 85 ~ 265VAC continuous input voltage
● Harmonic correction: IEC1000-3-2
● Connection capacity: Solid or standard/Conductor sizes  0.2 ~ 2.5 mm2/24 ~ 14AWG. Standard
● CE marking: Low Voltage Directive
● Safety: EN60950/UL1950/CAS950/UL508




Similar Part No. - NES120-24

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NES120-24 TDK-NES120-24 Datasheet
259Kb / 3P
DIN rail mountable
More results


Similar Description - NES120-24

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
DRA240-24A CHINFA-DRA240-24A Datasheet
437Kb / 4P
AC - DC DIN RAIL MOUNTABLE 240W INDUSTRIAL CONTROL EQUIPMENT
DRP20 CHINFA-DRP20 Datasheet
299Kb / 3P
20A DIN RAIL MOUNTABLE REDUNDANT MODULE
WRA240-24 CHINFA-WRA240-24 Datasheet
371Kb / 4P
3PH AC - DC DIN RAIL MOUNTABLE 240W INDUSTRIAL CONTROL EQUIPMENT
logo
TDK Electronics
NES240-24 TDK-NES240-24 Datasheet
259Kb / 3P
DIN rail mountable
logo
Powerbox
PBDRN30 POWERBOX-PBDRN30 Datasheet
96Kb / 1P
30 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
logo
Mean Well Enterprises C...
DDR-240 MEANWELL-DDR-240 Datasheet
4Mb / 9P
240W DIN Rail Type DC-DC Converter
logo
Carlo Gavazzi Holding A...
SPD242401B CARLOGAVAZZI-SPD242401B Datasheet
605Kb / 4P
Switching Power Supply Type SPD 240W DIN rail mounting
logo
Weidmuller
6720005430 WEIDMULLER-6720005430 Datasheet
902Kb / 6P
AC Outlet DIN-Rail Mountable Receptacles
logo
ETA-USA
AOFD-240 ETA-USA-AOFD-240 Datasheet
1Mb / 4P
240W Din Rail Mount
logo
Applied Motion Products...
PS240D48 AMP-PS240D48 Datasheet
891Kb / 4P
DIN Rail Power Supply ??Industrial ??240W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com